Electronic Components Datasheet Search
  English  ▼

X  

LT7153SP Datasheet(PDF) 8 Page - Analog Devices

Part # LT7153SP
Description  5V, ±25A High Efficiency Silent Switcher®2 Step-Down Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT7153SP Datasheet(HTML) 8 Page - Analog Devices

Back Button LT7153SP Datasheet HTML 4Page - Analog Devices LT7153SP Datasheet HTML 5Page - Analog Devices LT7153SP Datasheet HTML 6Page - Analog Devices LT7153SP Datasheet HTML 7Page - Analog Devices LT7153SP Datasheet HTML 8Page - Analog Devices LT7153SP Datasheet HTML 9Page - Analog Devices LT7153SP Datasheet HTML 10Page - Analog Devices LT7153SP Datasheet HTML 11Page - Analog Devices LT7153SP Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
Data Sheet
LT7153SP
analog.com
Rev 0
8 of 31
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
LQFN PACKAGE
36-LEAD (4mm x 7mm x 1.02mm)
TJMAX = 125 °C, θJA = 15.8°C/W (BASED ON DEMOBOARD), θJCtop = 0.4°C/W, θJCbot = 3.4°C/W
EXPOSED PAD (PIN 37) AND CORNER PINS (38~41) ARE GND, MUST BE SOLDERED TO PCB
Figure 3.Pin Configurations
1
2
3
4
5
6
7
8
9
10
11
12
INTVCC
SW
SW
SW
SW
SW
SW
SW
SW
SW
SW
SW
37
GND
30
29
28
27
26
25
24
23
22
21
20
19
CLKOUT
SVIN
SYNC/SPREAD
PVIN
PVIN
PVIN
PVIN
PVIN
PVIN
PVIN
PVIN
PVIN
LT7153SP
TOP VIEW
(Not to Scale)
36
35
34
33
32
31
13
14
15
16
17
18
GND
39
GND
GND
38
41
GND
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com