Electronic Components Datasheet Search
  English  ▼

X  

LT7153SP Datasheet(PDF) 1 Page - Analog Devices

Part # LT7153SP
Description  5V, ±25A High Efficiency Silent Switcher®2 Step-Down Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT7153SP Datasheet(HTML) 1 Page - Analog Devices

  LT7153SP Datasheet HTML 1Page - Analog Devices LT7153SP Datasheet HTML 2Page - Analog Devices LT7153SP Datasheet HTML 3Page - Analog Devices LT7153SP Datasheet HTML 4Page - Analog Devices LT7153SP Datasheet HTML 5Page - Analog Devices LT7153SP Datasheet HTML 6Page - Analog Devices LT7153SP Datasheet HTML 7Page - Analog Devices LT7153SP Datasheet HTML 8Page - Analog Devices LT7153SP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
Data Sheet
LT7153SP
5V, ±25A High Efficiency Silent Switcher®2 Step-Down Regulator
Rev 0; 05/25
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
One Analog Wa y, Wilmington, MA 01887 - 2356, U.S.A.
T el: 781.329.4700
© 2024 Analog D evic es, Inc. Al l rig hts r eser ved.
FEATURES
Silent Switcher®2 Architecture
Ultralow EMI
Eliminates PCB Layout Sensitivity
Internal Bypass Caps Reduce Radiated EMI
SVIN: 2.7V to 5V; PVIN: 1.5V to 5V
VOUT: 0.5V to 0.9∙VIN
Accurate Reference: 0.5V ±0.8% Over Temp
Integrated N-MOSFETs: 1.8mΩ/0.7mΩ
15ns Min On-Time: Low Duty Cycle Operation
Differential VOUT Remote Sense
Configurable Fixed Output Options
Programmable Load Line (3 settings)
Programmable Current Limit (3 settings)
Programmable, Synchronizable: 400kHz to 5MHz
User Selectable Discontinuous Mode® (DCM) or
Forced Continuous Mode (FCM) Operation
Controlled TON, Current Mode: Excellent Transient
Power Good status, Output Tracking, Clock-Out
Supports Spread Spectrum Operation
PolyPhase Operation: 2, 3, 4, 6, 8 or 12 Phases
36-Lead (4mm x 7mm) Exposed Back LQFN
Package
APPLICATIONS
Optical Module Applications
Distributed Power Systems, Server Power
Point-of-Load Supply (i.e., ASIC, FPGA, DSP, µP)
DESCRIPTION
The LT®7153SP is a high efficiency monolithic
synchronous, Silent Switcher®2 buck regulator
capable of delivering ±25A to the load. The unique
constant frequency, controlled on-time, current mode
architecture is ideal for high step-down ratio
applications that operate at high frequencies while
demanding fast transient response. PolyPhase
operation allows multiple LT7153SP regulators to run
out-of-phase, which reduces the amount of input and
output capacitors needed while enables paralleling
for higher output currents. The operating supply
voltage range is from 2.7V to 5V.
The operating frequency is programmable from
400kHz to 5MHz with an external resistor or sync to an
external clock signal. The high frequency capability
allows the use of physically smaller inductors and
capacitors.
The LT7153SP package features the second-
generation Silent Switcher architecture to minimize
EMI emissions while delivering high efficiency at high
switching frequencies. This includes the integration of
bypass capacitors to optimize high frequency current
loops and makes it easy to achieve advertised EMI
performance by reducing layout sensitivity. It also
features an exposed back for heat sink attachment,
which can be used to significantly improve thermal
performance.
TYPICAL APPLICATION
Figure 1. 0.5V, ±25A Buck Regulator
Figure 2. Efficiency and Power Loss (1MHZ)
RUN
SW
FB
PHSMD1/ISEL
PHSMD2/ILIM
VOUT–
LT7153SP
VIN
2.7V TO 5V
RT
SGND
ITH
4.7µF
VOUT–
VOUT
0.5V
±25A
+
TRACK/SS
CLKOUT
AVPSEL
INTVCC
PGOOD
MODE
SYNC/SPREAD
GND
PVIN
SVIN
0Ω
NC
SVIN = 5V; PVIN = 3.3V; VOUT = 0.5V
fSW = 1MHz; L = 70nH (0.17mΩ)
IOUT (A)
0
5
10
15
20
25
70
75
80
85
90
95
100
0
0.5
1.0
1.5
2.0
2.5
3.0


Similar Part No. - LT7153SP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LT7153SP AD-LT7153SP Datasheet
965Kb / 31P
5V, ±25A High Efficiency Silent Switcher®2 Step-Down Regulator
Rev. A; 07/25
LT7153SPAV#TRMPBF AD-LT7153SPAV#TRMPBF Datasheet
965Kb / 31P
5V, ±25A High Efficiency Silent Switcher®2 Step-Down Regulator
Rev. A; 07/25
LT7153SP AD-LT7153SP_V01 Datasheet
965Kb / 31P
5V, ±25A High Efficiency Silent Switcher®2 Step-Down Regulator
Rev. A; 07/25
More results

Similar Description - LT7153SP

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8640S LINER-LT8640S Datasheet
569Kb / 8P
42V, 6A Micropower Synchronous Step-Down Silent Switcher 2
LT8646S LINER-LT8646S Datasheet
570Kb / 8P
65V, 8A Synchronous Step-Down Silent Switcher 2
LT8642S LINER-LT8642S Datasheet
1Mb / 26P
18V, 10A Synchronous Step-Down Silent Switcher 2
LTM8003 LINER-LTM8003 Datasheet
401Kb / 30P
40VIN, 3.5A Step-Down Silent Switcher 關Module Regulator
LTM8053 LINER-LTM8053 Datasheet
376Kb / 28P
40VIN, 3.5A Step-Down Silent Switcher 關Module Regulator
logo
Analog Devices
LTC3309A AD-LTC3309A Datasheet
2Mb / 24P
5V, 6A Synchronous Step-Down Silent Switcher
LTC3310S AD-LTC3310S Datasheet
2Mb / 32P
5V, 10A Synchronous Step-Down Silent Switcher 2 in 3mm x 3mm LQFN
03/20-REV.C
LTC3311S AD-LTC3311S Datasheet
2Mb / 28P
5V, 12.5A Synchronous Step-Down Silent Switcher 2 in 3mm x 3mm LQFN
01/21-REV.A
LT8644S AD-LT8644S Datasheet
1Mb / 22P
8V, 16A Synchronous Step-Down Silent Switcher 2
LTC3313 AD-LTC3313 Datasheet
1Mb / 28P
5V, 15A Synchronous Step-Down Silent Switcher in 3mm × 3mm LQFN
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com