Electronic Components Datasheet Search
  English  ▼

X  

LT7153SP Datasheet(PDF) 23 Page - Analog Devices

Part # LT7153SP
Description  5V, ±25A High Efficiency Silent Switcher®2 Step-Down Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT7153SP Datasheet(HTML) 23 Page - Analog Devices

Back Button LT7153SP Datasheet HTML 19Page - Analog Devices LT7153SP Datasheet HTML 20Page - Analog Devices LT7153SP Datasheet HTML 21Page - Analog Devices LT7153SP Datasheet HTML 22Page - Analog Devices LT7153SP Datasheet HTML 23Page - Analog Devices LT7153SP Datasheet HTML 24Page - Analog Devices LT7153SP Datasheet HTML 25Page - Analog Devices LT7153SP Datasheet HTML 26Page - Analog Devices LT7153SP Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
Data Sheet
LT7153SP
analog.com
Rev 0
23 of 31
ITH Compensation
Proper ITH components should be selected for OPTI-LOOP® optimization. The compensation network is shown in
Figure 29. The RC filter sets the dominant pole-zero loop compensation. The gain of the loop increases with the RITH
and the bandwidth of the loop increases with decreasing CITH. If RITH is increased by the same factor that CITH is
decreased, the zero frequency is kept the same, thereby keeping the phase the same in most critical frequency ranges
of the feedback loop.
Figure 29. External Compensation Network
For a 1MHz application, an R-C network of 4.7nF and 2kΩ provides a good starting point. A 4.7pF bypass capacitor,
CITHP, on the ITH pin is recommended for the purposes of filtering out high frequency coupling from stray board
capacitance. Table 5 provides a basic guideline for the compensation values to use, given the frequency of the part.
Slight tweaks to those values may be required depending on the amount of output capacitance used in the
application.
Table 5. Compensation Values
Frequency
RITH
CITH
CTHP
1MHz
2k
4.7nF
4.7pF
2MHz
2k
2.2nF
4.7pF
Checking Transient Response
The OPTI-LOOP compensation allows the transient response to be optimized for a wide range of loads and output
capacitors. The availability of the ITH pin not only allows for optimization of the control loop behavior but also
provides a DC-coupled and AC-filtered closed loop response test point. The DC step, rise time, and settling at this test
point truly reflects these close loop response. Assuming a predominantly second order system, phase margin and/or
damping factor can be estimated using the percentage of overshoot seen at this pin.
The ITH external component shown in the Table 5 circuit provides an adequate starting point for most applications.
The RC filter sets the dominant pole-zero loop compensation. The values can be modified slightly (from 0.5 to 2 times
their suggested value) to optimize transient response once the final PCB layout is done and the particular output
capacitor type and value are determined. Select the output capacitors because their various types and values
determine the loop feedback factor gain and phase. In addition, add a feedforward capacitor CFF to improve the high
frequency response, as shown in Figure 29. Capacitor CFF provides phase lead by creating a high frequency zero with
R2, which improves the phase margin.
An output current pulse of 20% to 100% of full load current having a rise time of ~1µs produces output voltage and
ITH pin waveforms that give a sense of the overall loop stability without breaking the feedback loop. Switching
regulators may take several cycles to respond to a step in load current. When a load step occurs, VOUT immediately
shifts by an amount equal to the ∆ILOAD  ESR, where ESR is the effective series resistance of COUT. ∆ILOAD also begins to
charge or discharge COUT, generating a feedback error signal used by the regulator to return VOUT to its steady-state
value. During this recovery time, VOUT can be monitored for overshoot or ringing that indicates a stability problem.
RITH
CITH
ITH
CITHP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com