Electronic Components Datasheet Search
  English  ▼

X  

LT7153SP Datasheet(PDF) 12 Page - Analog Devices

Part # LT7153SP
Description  5V, ±25A High Efficiency Silent Switcher®2 Step-Down Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT7153SP Datasheet(HTML) 12 Page - Analog Devices

Back Button LT7153SP Datasheet HTML 8Page - Analog Devices LT7153SP Datasheet HTML 9Page - Analog Devices LT7153SP Datasheet HTML 10Page - Analog Devices LT7153SP Datasheet HTML 11Page - Analog Devices LT7153SP Datasheet HTML 12Page - Analog Devices LT7153SP Datasheet HTML 13Page - Analog Devices LT7153SP Datasheet HTML 14Page - Analog Devices LT7153SP Datasheet HTML 15Page - Analog Devices LT7153SP Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
Data Sheet
LT7153SP
analog.com
Rev 0
12 of 31
Figure 10. Transient Response, DCM
VIN = 3.3V, VOUT = 0.5V, IOUT = 50mA to 8A, fSW = 1MHz
L = 70nH, COUT = 5x100μF, RITH = 2kΩ, CITH = 10nF
Figure 11. Transient Response, FCM
VIN = 3.3V, VOUT = 0.5V, IOUT = 50mA to 8A, fSW = 1MHz
L = 70nH, COUT = 5x100μF, RITH = 2kΩ, CITH = 10nF
Figure 12. Transient Response, FCM
VIN = 3.3V, VOUT = 0.5V, IOUT = 8A to 16A, fSW = 1MHz
L = 70nH, COUT = 5x100μF, RITH = 1kΩ, CITH = 10nF
Figure 13. Output Tracking
VIN = 3.3V, VOUT = 0.5V, ROUT = 0.1Ω, fSW = 1MHz
L = 70nH, COUT = 5x100μF, RITH = 2kΩ, CITH = 10nF
Figure 14. Start-up Waveform
VIN = 3.3V, VOUT = 0.5V, ROUT = 0.1Ω, fSW = 1MHz
L = 70nH, COUT = 5x100μF, RITH = 2kΩ, CITH = 10nF
CTRACK/SS = 4.7μF
Figure 15. Start-up Waveform (with Prebiased Output)
VIN = 3.3V, VOUT = 0.5V, ROUT = 0.1Ω, fSW = 1MHz
L = 70nH, COUT = 5x100μF, RITH = 2kΩ, CITH = 10nF
CTRACK/SS = 4.7μF
100µs/DIV
VOUT
AC-COUPLED
50mV/DIV
LOAD STEP
5A/DIV
100µs/DIV
VOUT
AC-COUPLED
50mV/DIV
LOAD STEP
5A/DIV
100µs/DIV
VOUT
AC COUPLED
50mV/DIV
LOAD STEP
5A/DIV
1ms/DIV
VTRACK/SS
500mV/DIV
VOUT
500mV/DIV
50ms/DIV
VRUN
3V/DIV
VPGOOD
3V/DIV
VOUT
500mV/DIV
50ms/DIV
VRUN
3V/DIV
VPGOOD
3V/DIV
VOUT
500mV/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com