Electronic Components Datasheet Search
  English  ▼

X  

LT8640 Datasheet(PDF) 6 Page - Analog Devices

Part # LT8640
Description  42V, 6A Synchronous Step-Down Silent Switcher 2 with 2.5μA Quiescent Current
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8640 Datasheet(HTML) 6 Page - Analog Devices

Back Button LT8640 Datasheet HTML 2Page - Analog Devices LT8640 Datasheet HTML 3Page - Analog Devices LT8640 Datasheet HTML 4Page - Analog Devices LT8640 Datasheet HTML 5Page - Analog Devices LT8640 Datasheet HTML 6Page - Analog Devices LT8640 Datasheet HTML 7Page - Analog Devices LT8640 Datasheet HTML 8Page - Analog Devices LT8640 Datasheet HTML 9Page - Analog Devices LT8640 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
LT8640S/LT8643S/
LT8640SA/LT8643SA
6
Rev. D
For more information www.analog.com
Burst Mode Operation Efficiency
vs Inductor Value (LT8640S/
LT8640SA)
Reference Voltage
TYPICAL PERFORMANCE CHARACTERISTICS
EN Pin Thresholds
Load Regulation
(LT8640S/LT8640SA)
Line Regulation
(LT8640S/LT8640SA)
No-Load Supply Current
(LT8640S/LT8640SA)
VOUT = 5V
ILOAD = 10mA
L = IHLP3232DZ-01
VIN = 12V
VIN = 24V
INDUCTOR VALUE (µH)
1
2
3
4
5
6
7
8
65
70
75
80
85
90
95
100
vs Inductor Value
8640S G10
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
961
963
965
967
969
971
973
975
977
979
8640S G11
EN RISING
EN FALLING
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
0.95
0.96
0.97
0.98
0.99
1.00
1.01
1.02
1.03
EN Pin Thresholds
8640S G12
VOUT = 5V
ILOAD = 1A
INPUT VOLTAGE (V)
5
10
15
20
25
30
35
40
45
–0.08
–0.06
–0.04
–0.02
0.00
0.02
0.04
0.06
0.08
0.10
0.12
8640S G15
VOUT = 3.3V
L = 4.7µH
IN REGULATION
INPUT VOLTAGE (V)
0
5
10 15 20 25 30 35 40 45
1.0
1.5
2.0
2.5
3.0
3.5
4.0
8640S G17
VOUT = 5V
VIN = 12V
LOAD CURRENT (A)
0
1
2
3
4
5
6
–0.15
–0.10
0.05
0
0.05
0.10
0.15
8640S G13
Load Regulation
(LT8643S/LT8643SA)
VOUT = 5V
VIN = 12V
LOAD CURRENT (A)
0
1
2
3
4
5
6
–0.40
–0.30
–0.20
–0.10
0.00
0.10
0.20
0.30
0.40
8640S G14
Line Regulation
(LT8643S/LT8643SA)
VOUT = 5V
ILOAD = 1A
INPUT VOLTAGE (V)
5
10
15
20
25
30
35
40
45
–0.15
–0.12
–0.09
–0.06
–0.03
0
0.03
0.06
0.09
0.12
0.15
8640S G16
No-Load Supply Current
(LT8643S/LT8643SA)
VOUT = 5V
L = 4.7µH
IN REGULATION
INPUT VOLTAGE (V)
5
10
15
20
25
30
35
40
45
25
50
75
100
125
150
175
200
225
8640S G18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com