Electronic Components Datasheet Search
  English  ▼

X  

LT8640 Datasheet(PDF) 23 Page - Analog Devices

Part # LT8640
Description  42V, 6A Synchronous Step-Down Silent Switcher 2 with 2.5μA Quiescent Current
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8640 Datasheet(HTML) 23 Page - Analog Devices

Back Button LT8640 Datasheet HTML 19Page - Analog Devices LT8640 Datasheet HTML 20Page - Analog Devices LT8640 Datasheet HTML 21Page - Analog Devices LT8640 Datasheet HTML 22Page - Analog Devices LT8640 Datasheet HTML 23Page - Analog Devices LT8640 Datasheet HTML 24Page - Analog Devices LT8640 Datasheet HTML 25Page - Analog Devices LT8640 Datasheet HTML 26Page - Analog Devices LT8640 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
LT8640S/LT8643S/
LT8640SA/LT8643SA
23
Rev. D
For more information www.analog.com
APPLICATIONS INFORMATION
Enable Pin
The LT8640S/LT8643S/LT8640SA/LT8643SA is in shut-
down when the EN pin is low and active when the pin is
high. The rising threshold of the EN comparator is 1.0V,
with 40mV of hysteresis. The EN pin can be tied to VIN if
the shutdown feature is not used, or tied to a logic level
if shutdown control is required.
Adding a resistor divider from VIN to EN programs the
LT8640S/LT8643S/LT8640SA/LT8643SA to regulate the
output only when VIN is above a desired voltage (see the
Block Diagram). Typically, this threshold, VIN(EN), is used
in situations where the input supply is current limited, or
has a relatively high source resistance. A switching regu-
lator draws constant power from the source, so source
current increases as source voltage drops. This looks like
a negative resistance load to the source and can cause
the source to current limit or latch low under low source
voltage conditions. The VIN(EN) threshold prevents the
regulator from operating at source voltages where the
problems might occur. This threshold can be adjusted by
setting the values R3 and R4 such that they satisfy the
following equation:
VIN(EN) =
R3
R4
+1
⎛
⎝⎜
⎞
⎠⎟
•1.0V
(12)
where the LT8640S/LT8643S/LT8640SA/LT8643SA will
remain off until VIN is above VIN(EN). Due to the compara-
tor’s hysteresis, switching will not stop until the input falls
slightly below VIN(EN).
When operating in Burst Mode operation for light load
currents, the current through the VIN(EN) resistor network
can easily be greater than the supply current consumed by
the LT8640S/LT8643S/LT8640SA/LT8643SA. Therefore,
the VIN(EN) resistors should be large to minimize their
effect on efficiency at low loads.
INTVCC Regulator
An internal low dropout (LDO) regulator produces the
3.4V supply from VIN that powers the drivers and the
internal bias circuitry. The INTVCC can supply enough cur-
rent for the LT8640S/LT8643S/LT8640SA/LT8643SA’s
circuitry. To improve efficiency the internal LDO can also
draw current from the BIAS pin when the BIAS pin is at
3.1V or higher. Typically the BIAS pin can be tied to the
output of the LT8640S/LT8643S/LT8640SA/LT8643SA,
or can be tied to an external supply of 3.3V or above. If
BIAS is connected to a supply other than VOUT, be sure
to bypass with a local ceramic capacitor. If the BIAS pin is
below 3.0V, the internal LDO will consume current from
8640S F05
VC
gm = 5S
gm = 1.7mS
CURRENT MODE
POWER STAGE
LT8643S/
LT8643SA
150k
0.97V
FB
RC
R1
M2
M1
R2
CC
CF
+
–
CPL
COUT
OUTPUT
Figure 5. Model for Loop Response
VIN. Applications with high input voltage and high switch-
ing frequency where the internal LDO pulls current from
VIN will increase die temperature because of the higher
power dissipation across the LDO. Do not connect an
external load to the INTVCC pin.
Frequency Compensation (LT8643S/LT8643SA Only)
Loop compensation determines the stability and transient
performance, and is provided by the components tied to
the VC pin. Generally, a capacitor (CC) and a resistor (RC)
in series to ground are used. Designing the compensation
network is a bit complicated and the best values depend
on the application. A practical approach is to start with
one of the circuits in this data sheet that is similar to your
application and tune the compensation network to opti-
mize the performance. LTspice® simulations can help in
this process. Stability should then be checked across all



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com