Electronic Components Datasheet Search
  English  ▼

X  

LT8640 Datasheet(PDF) 3 Page - Analog Devices

Part # LT8640
Description  42V, 6A Synchronous Step-Down Silent Switcher 2 with 2.5μA Quiescent Current
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8640 Datasheet(HTML) 3 Page - Analog Devices

  LT8640 Datasheet HTML 1Page - Analog Devices LT8640 Datasheet HTML 2Page - Analog Devices LT8640 Datasheet HTML 3Page - Analog Devices LT8640 Datasheet HTML 4Page - Analog Devices LT8640 Datasheet HTML 5Page - Analog Devices LT8640 Datasheet HTML 6Page - Analog Devices LT8640 Datasheet HTML 7Page - Analog Devices LT8640 Datasheet HTML 8Page - Analog Devices LT8640 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
LT8640S/LT8643S/
LT8640SA/LT8643SA
3
Rev. D
For more information www.analog.com
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Input Voltage
l
3.0
3.4
V
VIN Quiescent Current in Shutdown
VEN/UV = 0V
l
0.75
0.75
3
10
µA
µA
LT8640S/LT8640SA VIN Quiescent Current in
Sleep (Internal Compensation)
VEN/UV = 2V, VFB > 0.97V, VSYNC = 0V
l
1.7
1.7
4
10
µA
µA
LT8643S/LT8643SA VIN Quiescent Current in
Sleep (External Compensation)
VEN/UV = 2V, VFB > 0.97V, VSYNC = 0V, VBIAS = 0V
l
230
230
290
340
µA
µA
VEN/UV = 2V, VFB > 0.97V, VSYNC = 0V, VBIAS = 5V
19
25
µA
LT8643S/LT8643SA BIAS Quiescent Current
in Sleep
VEN/UV = 2V, VFB > 0.97V, VSYNC = 0V, VBIAS = 5V
200
260
µA
LT8640S/LT8640SA VIN Current in
Regulation
VOUT = 0.97V, VIN = 6V, ILOAD = 100µA, VSYNC = 0
VOUT = 0.97V, VIN = 6V, ILOAD = 1mA, VSYNC = 0
l
l
21
220
60
390
µA
µA
Feedback Reference Voltage
VIN = 6V
VIN = 6V
l
0.964
0.958
0.970
0.970
0.976
0.982
V
V
Feedback Voltage Line Regulation
VIN = 4.0V to 36V
l
0.004
0.02
%/V
Feedback Pin Input Current
VFB = 1V
–20
20
nA
LT8643S/LT8643SA Error Amp
Transconductance
VC = 1.25V
1.7
mS
LT8643S/LT8643SA Error Amp Gain
260
LT8643S/LT8643SA VC Source Current
VFB = 0.77V, VC = 1.25V
350
µA
LT8643S/LT8643SA VC Sink Current
VFB = 1.17V, VC = 1.25V
350
µA
LT8643S/LT8643SA VC Pin to Switch Current
Gain
5
A/V
LT8643S/LT8643SA VC Clamp Voltage
2.6
V
BIAS Pin Current Consumption
VBIAS = 3.3V, fSW = 2MHz
14
mA
Minimum On-Time
ILOAD = 1.5A, SYNC = 0V
ILOAD = 1.5A, SYNC = 2V
l
l
30
30
50
45
ns
ns
Minimum Off-Time
80
110
ns
Oscillator Frequency
RT = 221k
RT = 60.4k
RT = 18.2k
l
l
l
180
665
1.8
210
700
1.95
240
735
2.1
kHz
kHz
MHz
Top Power NMOS On-Resistance
ISW = 1A
66
mΩ
Top Power NMOS Current Limit
l
7.5
10
12.5
A
Bottom Power NMOS On-Resistance
VINTVCC = 3.4V, ISW = 1A
27
mΩ
SW Leakage Current
VIN = 42V, VSW = 0V, 42V
–1.5
1.5
µA
EN/UV Pin Threshold
EN/UV Rising
l
0.94
1.0
1.06
V
EN/UV Pin Hysteresis
40
mV
EN/UV Pin Current
VEN/UV = 2V
–20
20
nA
PG Upper Threshold Offset from VFB
VFB Falling
l
5
7.5
10.25
%
PG Lower Threshold Offset from VFB
VFB Rising
l
–5.25
–8
–10.75
%
PG Hysteresis
0.2
%
PG Leakage
VPG = 3.3V
–40
40
nA
PG Pull-Down Resistance
VPG = 0.1V
l
700
2000
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com