Electronic Components Datasheet Search
  English  ▼

X  

LT8640 Datasheet(PDF) 17 Page - Analog Devices

Part # LT8640
Description  42V, 6A Synchronous Step-Down Silent Switcher 2 with 2.5μA Quiescent Current
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8640 Datasheet(HTML) 17 Page - Analog Devices

Back Button LT8640 Datasheet HTML 13Page - Analog Devices LT8640 Datasheet HTML 14Page - Analog Devices LT8640 Datasheet HTML 15Page - Analog Devices LT8640 Datasheet HTML 16Page - Analog Devices LT8640 Datasheet HTML 17Page - Analog Devices LT8640 Datasheet HTML 18Page - Analog Devices LT8640 Datasheet HTML 19Page - Analog Devices LT8640 Datasheet HTML 20Page - Analog Devices LT8640 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
LT8640S/LT8643S/
LT8640SA/LT8643SA
17
Rev. D
For more information www.analog.com
APPLICATIONS INFORMATION
load efficiency than for typical converters. By maximizing
the time between pulses, the LT8640S/LT8640SA’s qui-
escent current approaches 2.5µA for a typical application
when there is no output load. Therefore, to optimize the
quiescent current performance at light loads, the current
in the feedback resistor divider must be minimized as it
appears to the output as load current.
In order to achieve higher light load efficiency, more
energy must be delivered to the output during the
single small pulses in Burst Mode operation such that
the LT8640S/LT8643S/LT8640SA/LT8643SA can stay
in sleep mode longer between each pulse. This can be
achieved by using a larger value inductor (i.e., 4.7µH),
and should be considered independent of switching
frequency when choosing an inductor. For example,
while a lower inductor value would typically be used
for a high switching frequency application, if high
light load efficiency is desired, a higher inductor value
should be chosen. See curve in Typical Performance
Characteristics.
While in Burst Mode operation the current limit of the top
switch is approximately 900mA (as shown in Figure 3),
resulting in low output voltage ripple. Increasing the out-
put capacitance will decrease output ripple proportionally.
As load ramps upward from zero the switching frequency
will increase but only up to the switching frequency
programmed by the resistor at the RT pin as shown in
Figure 2.
Figure 2. SW Frequency vs Load Information
in Burst Mode Operation
Burst Frequency
Figure 3. Burst Mode Operation
FRONT PAGE APPLICATION
VIN = 12V
VOUT = 5V
LOAD CURRENT (mA)
0
100
200
300
400
500
600
0
200
400
600
800
1000
1200
8640S F02
FRONT PAGE APPLICATION
12VIN TO 5VOUT AT 10mA
VSYNC = 0V
5µs/DIV
VSW
5V/DIV
IL
500mA/DIV
8640S F03
The SW and BOOST nodes should be as small as possible.
Finally, keep the FB and RT nodes small so that the ground
traces will shield them from the SW and BOOST nodes.
The exposed pads on the bottom of the package should be
soldered to the PCB to reduce thermal resistance to ambi-
ent. To keep thermal resistance low, extend the ground
plane from GND as much as possible, and add thermal
vias to additional ground planes within the circuit board
and on the bottom side.
Burst Mode Operation
To enhance efficiency at light loads, the LT8640S/LT8643S/
LT8640SA/LT8643SA operates in low ripple Burst Mode
operation, which keeps the output capacitor charged to the
desired output voltage while minimizing the input quiescent
current and minimizing output voltage ripple. In Burst Mode
operation the LT8640S/LT8643S/LT8640SA/LT8643SA
delivers single small pulses of current to the output capacitor
followed by sleep periods where the output power is supplied
by the output capacitor. While in sleep mode the LT8640S/
LT8640SA consumes 1.7µA and the LT8643S/LT8643SA
consumes 230µA.
As the output load decreases, the frequency of single cur-
rent pulses decreases (see Figure 2) and the percentage
of time the LT8640S/LT8643S/LT8640SA/LT8643SA is
in sleep mode increases, resulting in much higher light



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com