Electronic Components Datasheet Search
  English  ▼

X  

LT8640 Datasheet(PDF) 21 Page - Analog Devices

Part # LT8640
Description  42V, 6A Synchronous Step-Down Silent Switcher 2 with 2.5μA Quiescent Current
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8640 Datasheet(HTML) 21 Page - Analog Devices

Back Button LT8640 Datasheet HTML 17Page - Analog Devices LT8640 Datasheet HTML 18Page - Analog Devices LT8640 Datasheet HTML 19Page - Analog Devices LT8640 Datasheet HTML 20Page - Analog Devices LT8640 Datasheet HTML 21Page - Analog Devices LT8640 Datasheet HTML 22Page - Analog Devices LT8640 Datasheet HTML 23Page - Analog Devices LT8640 Datasheet HTML 24Page - Analog Devices LT8640 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
LT8640S/LT8643S/
LT8640SA/LT8643SA
21
Rev. D
For more information www.analog.com
APPLICATIONS INFORMATION
In addition, the saturation current (typically labeled ISAT)
rating of the inductor must be higher than the load current
plus 1/2 of in inductor ripple current:
IL(PEAK) =ILOAD(MAX) +
1
2
ΔIL
(8)
where ∆IL is the inductor ripple current as calculated in
Equation 10 and ILOAD(MAX) is the maximum output load
for a given application.
As a quick example, an application requiring 3A output
should use an inductor with an RMS rating of greater than
3A and an ISAT of greater than 4A. During long duration
overload or short-circuit conditions, the inductor RMS
rating requirement is greater to avoid overheating of the
inductor. To keep the efficiency high, the series resistance
(DCR) should be less than 0.02Ω, and the core material
should be intended for high frequency applications.
The LT8640S/LT8643S/LT8640SA/LT8643SA limits the
peak switch current in order to protect the switches and
the system from overload faults. The top switch current
limit (ILIM) is 10A at low duty cycles and decreases lin-
early to 7A at DC = 0.8. The inductor value must then be
sufficient to supply the desired maximum output current
(IOUT(MAX)), which is a function of the switch current limit
(ILIM) and the ripple current.
IOUT(MAX) =ILIM –
ΔIL
2
(9)
The peak-to-peak ripple current in the inductor can be
calculated as follows:
ΔIL =
VOUT
L • fSW
• 1–
VOUT
VIN(MAX)
⎛
⎝
⎜
⎞
⎠
⎟
(10)
where fSW is the switching frequency of the LT8640S/
LT8643S/LT8640SA/LT8643SA, and L is the value of the
inductor. Therefore, the maximum output current that
the LT8640S/LT8643S/LT8640SA/LT8643SA will deliver
depends on the switch current limit, the inductor value,
and the input and output voltages. The inductor value may
have to be increased if the inductor ripple current does
not allow sufficient maximum output current (IOUT(MAX))
given the switching frequency, and maximum input volt-
age used in the desired application.
In order to achieve higher light load efficiency, more energy
must be delivered to the output during the single small
pulses in Burst Mode operation such that the LT8640S/
LT8643S/LT8640SA/LT8643SA can stay in sleep mode
longer between each pulse. This can be achieved by using
a larger value inductor (i.e., 4.7µH), and should be consid-
ered independent of switching frequency when choosing
an inductor. For example, while a lower inductor value
would typically be used for a high switching frequency
application, if high light load efficiency is desired, a higher
inductor value should be chosen. See curve in Typical
Performance Characteristics.
The optimum inductor for a given application may dif-
fer from the one indicated by this design guide. A larger
value inductor provides a higher maximum load current
and reduces the output voltage ripple. For applications
requiring smaller load currents, the value of the induc-
tor may be lower and the LT8640S/LT8643S/LT8640SA/
LT8643SA may operate with higher ripple current. This
allows use of a physically smaller inductor, or one with a
lower DCR resulting in higher efficiency. Be aware that low
inductance may result in discontinuous mode operation,
which further reduces maximum load current.
For more information about maximum output current and
discontinuous operation, see Analog Devices Application
Note 44.
For duty cycles greater than 50% (VOUT/VIN > 0.5), a
minimum inductance is required to avoid subharmonic
oscillation (See Equation 11). See Application Note 19
for more details.
LMIN =
VIN 2•DC–1
(
)
3.5• fSW
(11)
where DC is the duty cycle ratio (VOUT/VIN) and fSW is the
switching frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com