Electronic Components Datasheet Search
  English  ▼

X  

LT8640 Datasheet(PDF) 13 Page - Analog Devices

Part # LT8640
Description  42V, 6A Synchronous Step-Down Silent Switcher 2 with 2.5μA Quiescent Current
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8640 Datasheet(HTML) 13 Page - Analog Devices

Back Button LT8640 Datasheet HTML 9Page - Analog Devices LT8640 Datasheet HTML 10Page - Analog Devices LT8640 Datasheet HTML 11Page - Analog Devices LT8640 Datasheet HTML 12Page - Analog Devices LT8640 Datasheet HTML 13Page - Analog Devices LT8640 Datasheet HTML 14Page - Analog Devices LT8640 Datasheet HTML 15Page - Analog Devices LT8640 Datasheet HTML 16Page - Analog Devices LT8640 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
LT8640S/LT8643S/
LT8640SA/LT8643SA
13
Rev. D
For more information www.analog.com
TR/SS (Pin 21): Output Tracking and Soft-Start Pin. This
pin allows user control of output voltage ramp rate dur-
ing start-up. For the LT8640S/LT8640SA, a TR/SS volt-
age below 0.97V forces it to regulate the FB pin to equal
the TR/SS pin voltage. When TR/SS is above 0.97V, the
tracking function is disabled and the internal reference
resumes control of the error amplifier. For the LT8643S/
LT8643SA, a TR/SS voltage below 1.6V forces it to regu-
late the FB pin to a function of the TR/SS pin voltage.
See plot in the Typical Performance Characteristics sec-
tion. When TR/SS is above 1.6V, the tracking function is
disabled and the internal reference resumes control of
the error amplifier. An internal 1.9µA pull-up current from
INTVCC on this pin allows a capacitor to program output
voltage slew rate. This pin is pulled to ground with an
internal 200Ω MOSFET during shutdown and fault condi-
tions; use a series resistor if driving from a low impedance
output. This pin may be left floating if the tracking function
is not needed.
GND (Pin 22, LT8640S/LT8640SA Only): Ground. Connect
this pin to system ground and to the ground plane.
VC (Pin 22, LT8643S/LT8643SA Only): The VC pin is the
output of the internal error amplifier. The voltage on this
pin controls the peak switch current. Tie an RC network
from this pin to ground to compensate the control loop.
PG (Pin 23): The PG pin is the open-drain output of an
internal comparator. PG remains low until the FB pin is
within ±8% of the final regulation voltage, and there are
no fault conditions. PG is also pulled low when EN/UV is
below 1V, INTVCC has fallen too low, VIN is too low, or
thermal shutdown. PG is valid when VIN is above 3.4V.
FB (Pin 24): The LT8640S/LT8643S/LT8640SA/LT8643SA
regulates the FB pin to 0.970V. Connect the feedback
resistor divider tap to this pin. Also, connect a phase lead
capacitor between FB and VOUT. Typically, this capacitor
is 4.7pF to 22pF.
Corner Pins: These pins are for mechanical support only
and can be tied anywhere on the PCB, typically ground.
PIN FUNCTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com