Electronic Components Datasheet Search
  English  ▼

X  

LT8640 Datasheet(PDF) 19 Page - Analog Devices

Part # LT8640
Description  42V, 6A Synchronous Step-Down Silent Switcher 2 with 2.5μA Quiescent Current
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8640 Datasheet(HTML) 19 Page - Analog Devices

Back Button LT8640 Datasheet HTML 15Page - Analog Devices LT8640 Datasheet HTML 16Page - Analog Devices LT8640 Datasheet HTML 17Page - Analog Devices LT8640 Datasheet HTML 18Page - Analog Devices LT8640 Datasheet HTML 19Page - Analog Devices LT8640 Datasheet HTML 20Page - Analog Devices LT8640 Datasheet HTML 21Page - Analog Devices LT8640 Datasheet HTML 22Page - Analog Devices LT8640 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
LT8640S/LT8643S/
LT8640SA/LT8643SA
19
Rev. D
For more information www.analog.com
APPLICATIONS INFORMATION
LT8643S/LT8640SA/LT8643SA may be synchronized over
a 200kHz to 3MHz range. The RT resistor should be cho-
sen to set the LT8640S/LT8643S/LT8640SA/LT8643SA
switching frequency equal to or below the lowest synchro-
nization input. For example, if the synchronization signal
will be 500kHz and higher, the RT should be selected for
500kHz. The slope compensation is set by the RT value,
while the minimum slope compensation required to avoid
subharmonic oscillations is established by the inductor
size, input voltage and output voltage. Since the synchro-
nization frequency will not change the slopes of the induc-
tor current waveform, if the inductor is large enough to
avoid subharmonic oscillations at the frequency set by
RT, then the slope compensation will be sufficient for all
synchronization frequencies.
FB Resistor Network
The output voltage is programmed with a resistor divider
between the output and the FB pin. Choose the resistor
values according to:
R1
=R2
VOUT
0.970V
–1
⎛
⎝⎜
⎞
⎠⎟
(2)
Reference designators refer to the Block Diagram. 1%
resistors are recommended to maintain output voltage
accuracy.
For the LT8640S/LT8640SA, if low input quiescent cur-
rent and good light-load efficiency are desired, use large
resistor values for the FB resistor divider. The current
flowing in the divider acts as a load current, and will
increase the no-load input current to the converter, which
is approximately:
IQ =1.7µA+
VOUT
R1
+R2
⎛
⎝⎜
⎞
⎠⎟
VOUT
VIN
⎛
⎝⎜
⎞
⎠⎟
1
n
⎛
⎝⎜
⎞
⎠⎟
(3)
where 1.7µA is the quiescent current of the LT8640S/
LT8640SA and the second term is the current in the
feedback divider reflected to the input of the buck oper-
ating at its light load efficiency n. For a 3.3V application
with R1 = 1M and R2 = 412k, the feedback divider draws
2.3µA. With VIN = 12V and n = 80%, this adds 0.8µA to the
1.7µA quiescent current resulting in 2.5µA no-load cur-
rent from the 12V supply. Note that this equation implies
that the no-load current is a function of VIN; this is plotted
in the Typical Performance Characteristics section.
When using large FB resistors, a 4.7pF to 22pF phase-lead
capacitor should be connected from VOUT to FB.
High VOUT Considerations
Use the LT8640SA/LT8643SA for applications where
the output voltage is higher than 10V. For previous
designs using the LT8640S/LT8643S where the output
voltage is higher than 10V, refer to the Reverse Current
Considerations section in Application Note AN-2582.
Setting the Switching Frequency
The LT8640S/LT8643S/LT8640SA/LT8643SA uses a
constant frequency PWM architecture that can be pro-
grammed to switch from 200kHz to 3MHz by using a
resistor tied from the RT pin to ground. A table showing
the necessary RT value for a desired switching frequency
is in Table 1.
The RT resistor required for a desired switching frequency
can be calculated using:
RT =
46.5
fSW
– 5.2
(4)
where RT is in kΩ and fSW is the desired switching fre-
quency in MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com