Electronic Components Datasheet Search
  English  ▼

X  

LT8640 Datasheet(PDF) 29 Page - Analog Devices

Part # LT8640
Description  42V, 6A Synchronous Step-Down Silent Switcher 2 with 2.5μA Quiescent Current
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8640 Datasheet(HTML) 29 Page - Analog Devices

Back Button LT8640 Datasheet HTML 24Page - Analog Devices LT8640 Datasheet HTML 25Page - Analog Devices LT8640 Datasheet HTML 26Page - Analog Devices LT8640 Datasheet HTML 27Page - Analog Devices LT8640 Datasheet HTML 28Page - Analog Devices LT8640 Datasheet HTML 29Page - Analog Devices LT8640 Datasheet HTML 30Page - Analog Devices LT8640 Datasheet HTML 31Page - Analog Devices LT8640 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
LT8640S/LT8643S/
LT8640SA/LT8643SA
29
Rev. D
For more information www.analog.com
TYPICAL APPLICATIONS
Figure 15. 12V, 6A Step-Down Converter
Figure 16. 24V, 6A Step-Down Converter
LT8640SA
8640S F15
SW
VIN
EN/UV
BIAS
RT
FB
GND
4.7pF
47µF
1210
X5R/X7R
1M
VOUT
12V
6A
4.7µF
VIN
12.7V TO 42V
41.2k
4.7µH
88.7k
fSW = 1MHz
L: XEL6060
PINS NOT USED IN THIS CIRCUIT:
BST, CLKOUT, INTVCC,
PG, SYNC/MODE, TR/SS
LT8640SA
8640S F16
SW
VIN
EN/UV
BIAS
RT
FB
GND
4.7pF
10µF x4
1210
35V
X5R/X7R/X7S
1M
VOUT
24V
6A
4.7µF
VIN
25V TO 42V
41.2k
4.7µH
42.2k
fSW = 1MHz
L: XEL6060
PINS NOT USED IN THIS CIRCUIT:
BST, CLKOUT, INTVCC,
PG, SYNC/MODE, TR/SS
* VC pin and components only apply to LT8643S/LT8643SA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com