Electronic Components Datasheet Search
  English  ▼

X  

LT8640 Datasheet(PDF) 2 Page - Analog Devices

Part # LT8640
Description  42V, 6A Synchronous Step-Down Silent Switcher 2 with 2.5μA Quiescent Current
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8640 Datasheet(HTML) 2 Page - Analog Devices

  LT8640 Datasheet HTML 1Page - Analog Devices LT8640 Datasheet HTML 2Page - Analog Devices LT8640 Datasheet HTML 3Page - Analog Devices LT8640 Datasheet HTML 4Page - Analog Devices LT8640 Datasheet HTML 5Page - Analog Devices LT8640 Datasheet HTML 6Page - Analog Devices LT8640 Datasheet HTML 7Page - Analog Devices LT8640 Datasheet HTML 8Page - Analog Devices LT8640 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
LT8640S/LT8643S/
LT8640SA/LT8643SA
2
Rev. D
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN, EN/UV, PG..........................................................42V
BIAS..........................................................................25V
FB, TR/SS . .................................................................4V
SYNC/MODE Voltage . ................................................6V
(Note 1)
ORDER INFORMATION
PART NUMBER
TAPE AND REEL
PAD
FINISH
PART MARKING*
PACKAGE
TYPE**
MSL
RATING TEMPERATURE RANGE
DEVICE
FINISH CODE
LT8640SEV#PBF
LT8640SEV#TRPBF
Au(RoHS)
8640S
e4
LQFN (Laminate Package
with QFN Footprint)
3
–40°C to 125°C
LT8640SIV#PBF
LT8640SIV#TRPBF
LT8643SEV#PBF
LT8643SEV#TRPBF
8643S
LT8643SIV#PBF
LT8643SIV#TRPBF
LT8640SAAV#PBF
LT8640SAAV#TRPBF
8640A
LT8643SAAV#PBF
LT8643SAAV#TRPBF
8643A
AUTOMOTIVE PRODUCTS***
LT8640SEV#WPBF LT8640SEV#WTRPBF
Au(RoHS)
8640S
e4
LQFN (Laminate Package
with QFN Footprint)
3
–40°C to 125°C
LT8640SIV#WPBF
LT8640SIV#WTRPBF
LT8643SEV#WPBF LT8643SEV#WTRPBF
8643S
LT8643SIV#WPBF
LT8643SIV#WTRPBF
• Contact the factory for parts specified with wider operating temperature ranges.
*Pad or ball finish code is per IPC/JEDEC J-STD-609.
• Device temperature grade is indicated by a label on the shipping container.
• Recommended LGA and BGA PCB Assembly and
Manufacturing Procedures
• LGA and BGA Package and Tray Drawings
Parts ending with PBF are RoHS and WEEE compliant. **The LT8640S/LT8643S/LT8640SA/LT8643SA package has the same dimensions as a standard 4mm ×
4mm QFN package.
***Versions of this part are available with controlled manufacturing to support the quality and reliability requirements of automotive applications. These models
are designated with a #W suffix. Only the automotive grade products shown are available for use in automotive applications. Contact your local Analog Devices
account representative for specific product ordering information and to obtain the specific Automotive Reliability reports for these models.
LT8640S/LT8640SA
LT8643S/LT8643SA
Operating Junction Temperature Range (Note 2)
LT8640SE/LT8643SE......................... –40°C to 125°C
LT8640SI/LT8643SI........................... –40°C to 125°C
LT8640SAA/LT8643SAA ................... –40°C to 125°C
Storage Temperature Range .................. –65°C to 150°C
Maximum Reflow (Package Body) Temperature.....260°C
20
21
22
23
24
19
7
8
9
10 11 12
TOP VIEW
LQFN PACKAGE
24-LEAD (4mm × 4mm × 0.94mm)
JEDEC BOARD: θJA = 38°C/W, θJC(PAD) = 7°C/W (Note 3)
DEMO BOARD: θJA = 24°C/W
EXPOSED PAD (PINS 25–28) ARE GND, SHOULD BE SOLDERED TO PCB
BIAS
INTVCC
GND
NC
VIN
VIN
RT
EN/UV
GND
NC
VIN
VIN
18
17
16
15
14
13
1
2
3
4
5
6
27
GND
25
GND
28
GND
26
GND
20
21
22
23
24
19
7
8
9
10 11 12
TOP VIEW
LQFN PACKAGE
24-LEAD (4mm × 4mm × 0.94mm)
JEDEC BOARD: θJA = 38°C/W, θJC(PAD) = 7°C/W (Note 3)
DEMO BOARD: θJA = 24°C/W
EXPOSED PAD (PINS 25–28) ARE GND, SHOULD BE SOLDERED TO PCB
BIAS
INTVCC
GND
NC
VIN
VIN
RT
EN/UV
GND
NC
VIN
VIN
18
17
16
15
14
13
1
2
3
4
5
6
27
GND
25
GND
28
GND
26
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com