Electronic Components Datasheet Search
  English  ▼

X  

MP6527 Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # MP6527
Description  40V, 0.8A, 10-Channel, Half-Bridge Motor Driver with Serial Input Control
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6527 Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button MP6527 Datasheet HTML 13Page - Monolithic Power Systems MP6527 Datasheet HTML 14Page - Monolithic Power Systems MP6527 Datasheet HTML 15Page - Monolithic Power Systems MP6527 Datasheet HTML 16Page - Monolithic Power Systems MP6527 Datasheet HTML 17Page - Monolithic Power Systems MP6527 Datasheet HTML 18Page - Monolithic Power Systems MP6527 Datasheet HTML 19Page - Monolithic Power Systems MP6527 Datasheet HTML 20Page - Monolithic Power Systems MP6527 Datasheet HTML 21Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
MP6527
– 40V, 0.8A MOTOR DRIVER WITH SERIAL INPUT CONTROL
MP6527 Rev. 1.0
MonolithicPower.com
17
9/23/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
15
OC
(HB [10:7])
Latched over-current (OC) shutdown. This bit is set and latched if a half-bridge
from HB7 to HB10 experiences an overload or short-circuit. The corresponding
output is also switched off. This bit can only be reset via SRR or a power-on reset.
1: Fault
0: No fault
14
PSF
Power supply failure. This bit is set if a VS1, VS2, or VS1 and a VS2 OV or UV
condition occurs. All outputs are switched off. This bit resets automatically if VSx
returns to within its normal operating range.
1: Fault
0: No fault
13
OLD
(HB [10:7])
Open-load error. This bit is set and latched if a half-bridge from HB7 to HB10
experiences an open-load or under-load error condition. The corresponding
output is also switched off if input bit[13] (OLD_SD) is high. This bit can only be
reset via SRR or a power-on reset.
1: Fault
0: No fault
12
RESERVED
Not used.
11
RESERVED
Not used.
10
SHBEN10
Returns half-
bridge 10’s output status.
1: Half-bridge 10 is active
0: Half-bridge 10 is in Hi-Z
9
SHBEN9
Returns half-
bridge 9’s output status.
1: Half-bridge 9 is active
0: Half-bridge 9 is in Hi-Z
8
SHBEN8
Returns half-
bridge 8’s output status.
1: Half-bridge 8 is active
0: Half-bridge 8 is in Hi-Z
7
SHBEN7
Returns half-
bridge 7’s output status.
1: Half-bridge 7 is active
0: Half-bridge 7 is in Hi-Z
6
RESERVED
Not used.
5
RESERVED
Not used.
4
HBCNF10
Returns half-
bridge 10’s configuration status.
1: The HS half-bridge is on and the LS half-bridge is off
0: The HS half-bridge is off and the LS half-bridge is on
3
HBCNF9
Returns half-
bridge 9’s configuration status.
1: The HS half-bridge is on and the LS half-bridge is off
0: The HS half-bridge is off and the LS half-bridge is on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com