Electronic Components Datasheet Search
  English  ▼

X  

MP6527 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP6527
Description  40V, 0.8A, 10-Channel, Half-Bridge Motor Driver with Serial Input Control
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6527 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP6527 Datasheet HTML 1Page - Monolithic Power Systems MP6527 Datasheet HTML 2Page - Monolithic Power Systems MP6527 Datasheet HTML 3Page - Monolithic Power Systems MP6527 Datasheet HTML 4Page - Monolithic Power Systems MP6527 Datasheet HTML 5Page - Monolithic Power Systems MP6527 Datasheet HTML 6Page - Monolithic Power Systems MP6527 Datasheet HTML 7Page - Monolithic Power Systems MP6527 Datasheet HTML 8Page - Monolithic Power Systems MP6527 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
MP6527
40V, 0.8A, 10-Channel, Half-Bridge
Motor Driver with Serial Input Control
MP6527 Rev. 1.0
MonolithicPower.com
1
9/23/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
DESCRIPTION
The MP6527 is a ten-channel, half-bridge DMOS
output driver with integrated power MOSFETs. It
can achieve up to 0.8A of output current (IOUT)
across a wide 5.5V to 40V input voltage (VIN)
range from.
The
device’s ten half-bridges can be controlled
separately via a standard serial data interface,
and each channel has various diagnostic
functions. The MP6527 has very low quiescent
current (IQ) in standby mode.
Full protection features include short-circuit
protection (SCP), over-temperature protection
(OTP), under-voltage lockout (UVLO) protection,
over-voltage lockout (OVLO) protection, and
thermal shutdown with pre-warning.
The MP6527 requires a minimal number of
readily available, standard external components,
and is available in a TSSOP-28EP package.
FEATURES
 Wide 5.5V to 40V Operating Input Voltage
(VIN) Range
 High-Side MOSFETs (HS-FETs) and Low-
Side MOSFETs (LS-FETs) Connected in
Half-Bridge Configurations
 Up to 0.8A Output Current (I
OUT)
 Typical 1.3Ω HS-FET and LS-FET R
DS(ON)
 Low Quiescent Current (I
Q) in Standby
Mode
 Short-Circuit Protection (SCP)
 Over-Temperature Protection (OTP)
 Under-Voltage Lockout (UVLO) and Over-
Voltage Lockout (OVLO) Protection
 Serial Data Interface
 Diagnostic Functions:
o Shorted Output
o Open-Load Detection
o Over-Temperature (OT)
o Over-Voltage (OV)
o Under-Voltage (UV)
 Up to 5MHz Serial Interface Clock
Frequency
 Compliance with 3.3V and 5V Systems
 Available in a TSSOP-28EP Package
APPLICATIONS
 Automotive and Industrial Applications
 DC Motors
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive.
For MPS green status, please visit the MPS website under Quality
Assurance. “MPS”, the MPS logo, and “Simple, Easy Solutions” are
trademarks of Monolithic Power Systems, Inc. or its subsidiaries.


Similar Part No. - MP6527

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP6520 MPS-MP6520 Datasheet
749Kb / 15P
8V to 32V, 1.5A, Stepper Motor Driver with Integrated MOSFETs
MP6520GV MPS-MP6520GV Datasheet
749Kb / 15P
8V to 32V, 1.5A, Stepper Motor Driver with Integrated MOSFETs
MP6522 MPS-MP6522 Datasheet
504Kb / 11P
35V, 3.2A, H-Bridge Motor Driver
MP6522GU MPS-MP6522GU Datasheet
504Kb / 11P
35V, 3.2A, H-Bridge Motor Driver
MP6528 MPS-MP6528 Datasheet
1Mb / 17P
5V to 60V, H-Bridge Gate Driver
More results

Similar Description - MP6527

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6836 ATMEL-ATA6836 Datasheet
434Kb / 20P
Hex Half-bridge Driver with Serial Input Control
ATA6838 ATMEL-ATA6838 Datasheet
389Kb / 18P
Hex Half-bridge Driver with Serial Input Control
ATA6836 ATMEL-ATA6836_09 Datasheet
443Kb / 20P
Hex Half-bridge Driver with Serial Input Control
ATA6836 ATMEL-ATA6836_10 Datasheet
458Kb / 21P
Hex Half-bridge Driver with Serial Input Control
ATA6836C ATMEL-ATA6836C_14 Datasheet
851Kb / 21P
Hex Half-bridge Driver with Serial Input Control
ATA6838C ATMEL-ATA6838C_14 Datasheet
590Kb / 18P
Hex Half-bridge Driver with Serial Input Control
logo
Monolithic Power System...
MPQ6523 MPS-MPQ6523 Datasheet
809Kb / 16P
Triple Half-Bridge Motor Driver with Serial Input Control AEC-Q100 Qualified
MPQ6526 MPS-MPQ6526 Datasheet
1Mb / 19P
Hex Half-Bridge Motor Driver with Serial Input Control
MPQ6626 MPS-MPQ6626 Datasheet
1Mb / 22P
40V, 0.8A, Hex Half-Bridge Motor Driver with Serial Input Control,AEC-Q100 Qualified
Rev. 1.0 9/24/2021
MPQ6628 MPS-MPQ6628 Datasheet
717Kb / 24P
40V, 0.8A, Octal Half-Bridge Motor Driver with Serial Input Control,AEC-Q100 Qualified
Rev. 1.0 11/8/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com