Electronic Components Datasheet Search
  English  ▼

X  

MP6527 Datasheet(PDF) 20 Page - Monolithic Power Systems

Part # MP6527
Description  40V, 0.8A, 10-Channel, Half-Bridge Motor Driver with Serial Input Control
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6527 Datasheet(HTML) 20 Page - Monolithic Power Systems

Back Button MP6527 Datasheet HTML 16Page - Monolithic Power Systems MP6527 Datasheet HTML 17Page - Monolithic Power Systems MP6527 Datasheet HTML 18Page - Monolithic Power Systems MP6527 Datasheet HTML 19Page - Monolithic Power Systems MP6527 Datasheet HTML 20Page - Monolithic Power Systems MP6527 Datasheet HTML 21Page - Monolithic Power Systems MP6527 Datasheet HTML 22Page - Monolithic Power Systems MP6527 Datasheet HTML 23Page - Monolithic Power Systems MP6527 Datasheet HTML 24Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
MP6527
– 40V, 0.8A MOTOR DRIVER WITH SERIAL INPUT CONTROL
MP6527 Rev. 1.0
MonolithicPower.com
20
9/23/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
20
μA max. Any peaks on the supply voltage
gradually charge the blocking capacitor. D1
prevents the capacitor from discharging via the
power supply. Due to the extremely small
quiescent current (IQ), discharging via the IC is
negligible. During long periods of time in inhibit
mode, the IC
’s supply voltage could increase
continuously until the maximum supply voltage
limit (40V) is exceeded, which can damage the
IC. To avoid this, the MP6527 features a
discharge circuit. If the VS pin voltage (VVS)
exceeds
the
37V
threshold,
the
blocking
capacitor is discharged via an integrated resistor
until VVS falls below the threshold.
Table 6 shows the diagnostic classes and
functions of the different faults.
Table 6: Diagnostic Classes and Functions of
Different Faults
Fault
Qualifier
State and Recovery
OUTx
Output
Register
TSD
-
Hi-Z, need
SRR to reset
TSD: 1,
need SRR
to reset
OC
shutdown
-
OC: 1,
need SRR
to reset
OLD
OLSD_EN: 1
OLD: 1,
need SRR
to reset
OLSD_EN: 0
Unaffected
OVLO
OVLO: 1
Hi-Z,
Unlatched (8)
PSF: 1,
unlatched
(9)
OVLO: 0
Unaffected
UVLO
-
Hi-Z,
Unlatched (8)
Thermal
warning
-
Unaffected
TW: 1,
unlatched
(9)
Notes:
8) OUTx returns to its previous state or new state once the fault
is removed. If DI changes, then DO changes accordingly.
9) The corresponding output register returns to its no-fault state
once the fault is removed.
Over-Current Protection (OCP)
The MP6527 has internal overload protection
(OLP) and short-circuit protection (SCP). The
currents in both the HS-FET and LS-FET are
measured. If the current through the HS-FET or
LS-FET exceeds the current limit, an internal
timer starts. When a permanent over-current
shutdown delay time (tOC) is reached, the short-
circuit detection bit (OC) is set and the shorted
output is disabled. By writing 1 to the SRR bit in
the input register, the OC bit resets and the
disabled outputs are enabled. The channel
group select (CH_SEL) input bit determines
which channels are affected by SRR.
Thermal Shutdown (TSD) and Pre-Warning
The MP6572 has integrated thermal monitoring
for each half-bridge via
the driver pair’s thermal
sensor. If the junction temperature (TJ) exceeds
the thermal pre-warning threshold, then the
temperature pre-warning bit (TW) in the output
register is set. When the temperature falls below
the thermal pre-warning threshold, TW is reset.
If TJ exceeds the thermal shutdown (TSD)
threshold, then
the channel’s HS-FETs and LS-
FETs are latched off, TW remains set, and the
TSD bit (PRE_15) is set. Once TJ falls below the
TSD threshold and a high has been written to the
SRR bit in the input register, then TSD is cleared
and all the affected channels in a group resume
normal operation. The channel group select
(CH_SEL) input bit determines which channels
are affected by SRR.
Thermal pre-warning and the TSD threshold
have hysteresis of 20°C.
VS Under-Voltage Lockout (UVLO)
If VVS falls below the under-voltage lockout
(UVLO) threshold, an internal timer starts. When
a permanent UVLO delay time is reached, the
power supply fail bit (PSF) in the output register
is set and all outputs are disabled. Once VVS
exceeds the UVLO threshold and the PSF bit is
cleared, the MP6527 resumes normal operation.
VCC UVLO
The SPI interface does not function if VCC is
below the UVLO threshold. In this circumstance,
all outputs turn off and clear the command input
and status output registers.
Once VCC exceeds the UVLO threshold, the
UVLO resets and SRR is functional again.
VS Over-Voltage Lockout (OVLO)
If VVS exceeds the switch-off voltage (VOVOFF), all
outputs are switched off by the set over-voltage
lockout (OVLO) input bit (OVLO = 1, CH_SEL =
X) and the PSF error bit. The error is not latched,
meaning if VVS drops below the switch-on
threshold voltage
, the power stages restart and
the error flags are reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com