Electronic Components Datasheet Search
  English  ▼

X  

MP6527 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP6527
Description  40V, 0.8A, 10-Channel, Half-Bridge Motor Driver with Serial Input Control
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6527 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP6527 Datasheet HTML 1Page - Monolithic Power Systems MP6527 Datasheet HTML 2Page - Monolithic Power Systems MP6527 Datasheet HTML 3Page - Monolithic Power Systems MP6527 Datasheet HTML 4Page - Monolithic Power Systems MP6527 Datasheet HTML 5Page - Monolithic Power Systems MP6527 Datasheet HTML 6Page - Monolithic Power Systems MP6527 Datasheet HTML 7Page - Monolithic Power Systems MP6527 Datasheet HTML 8Page - Monolithic Power Systems MP6527 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
MP6527
– 40V, 0.8A MOTOR DRIVER WITH SERIAL INPUT CONTROL
MP6527 Rev. 1.0
MonolithicPower.com
5
9/23/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
ABSOLUTE MAXIMUM RATINGS (1)
Supply voltage (VVS) ....................................45V
VOUTx ......................................-0.3V to VIN +0.3V
Logic supply voltage (VVCC)........... -0.3V to +6V
Logic input voltage............... -0.3 to VVCC + 0.3V
Logic output voltage............. -0.3 to VVCC + 0.3V
All other pins.............................. -0.3V to +6.5V
Continuous power dissipation (TA = +25°C) (2)
TSSOP-28EP ............................................3.9W
Junction temperature ............................... 150°C
Lead temperature .................................... 260°C
Storage temperature................ -65°C to +150°C
ESD Ratings (3)
Human body model (OUTx and VS pins)........4kV
Human body model (all other pins) ................2kV
Machine mode (MM) ..................................200V
Charge device model ( CDM )....................750V
Recommended Operating Conditions (4)
Supply voltage (VVS) ....................... 5.5V to 40V
Logic supply voltage VVCC .......... 3.15V to 5.25V
Operating junction temp (TJ) .... -40°C to +125°C
Thermal Resistance (5)
θJA
θJC
TSSOP-28EP
….….….….….… 32 …... 6…°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θ
JA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX) - TA) / θJA. Exceeding the maximum allowable power
dissipation can cause excessive die temperature, and the
regulator may go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) Devices are ESD-sensitive. It is recommended to use extra
caution when handling.
4) The device is not guaranteed to function outside of its operating
conditions.
5) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com