Electronic Components Datasheet Search
  English  ▼

X  

MP6527 Datasheet(PDF) 19 Page - Monolithic Power Systems

Part # MP6527
Description  40V, 0.8A, 10-Channel, Half-Bridge Motor Driver with Serial Input Control
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6527 Datasheet(HTML) 19 Page - Monolithic Power Systems

Back Button MP6527 Datasheet HTML 15Page - Monolithic Power Systems MP6527 Datasheet HTML 16Page - Monolithic Power Systems MP6527 Datasheet HTML 17Page - Monolithic Power Systems MP6527 Datasheet HTML 18Page - Monolithic Power Systems MP6527 Datasheet HTML 19Page - Monolithic Power Systems MP6527 Datasheet HTML 20Page - Monolithic Power Systems MP6527 Datasheet HTML 21Page - Monolithic Power Systems MP6527 Datasheet HTML 22Page - Monolithic Power Systems MP6527 Datasheet HTML 23Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
MP6527
– 40V, 0.8A MOTOR DRIVER WITH SERIAL INPUT CONTROL
MP6527 Rev. 1.0
MonolithicPower.com
19
9/23/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
Enable Control
The MP6527 enters low-power mode (or sleep
mode) when the EN pin is set to low. The EN
input has an internal pull-down resistor. In sleep
mode, all output stages are turned off and the
SPI register banks are reset. The output stages
can be activated again by setting EN to high.
Status Register Reset (SRR)
The status register reset (SRR) command bit is
executed after the SPI transmission determines
whether a fault has been cleared.
Sending 1 to SSR clears the status memory and
reactivates faulted outputs for channels (as
selected by CH_SEL).
If a fault remains present after SRR, the
corresponding protection can be re-engaged
and shutdown can recur. The device can also be
reset by toggling the EN pin or by a VCC power-
on reset.
Open-Load Detection (OLD)
When the device is on, open-load detection
(OLD) is implemented in the low-side MOSFET
(LS-FET) switches of the bridge outputs. If the
current through the low-side (LS) transistor is
below the reference current (IOLD) for longer than
the
OLD
delay
time
(tDOLD),
then
the
corresponding open-load diagnosis bit is set. If
an under-load condition occurs in another
channel after the global timer has started, the
delay for any subsequent under-load condition
becomes the remainder of the timer. The timer
runs continuously with a persistent under-load
condition.
If the OLSD_EN bit is set and an open load is
detected on the LS-FET, the respective output is
disabled and the open-load error bit is latched.
Otherwise, the output remains on and the open-
load error bit is set. The bit remains latched and
the output remains off until an SRR or power-on
reset is performed. The channel group select
(CH_SEL) input bit determines which channels
are affected by SRR and which half-bridges are
latched off via the OLSD_EN command bit. This
has the added advantage of independently
diagnosing and isolating error flags to the
corresponding failed output.
Figure 4 shows an H-bridge open-load example,
where a motor is connected between OUT1 and
OUT2 with a broken wire.
OUT1
OUT2
M
Open Load
Figure 4: H-Bridge Open Load Example
Table 5 shows an example of the resulting
diagnostic information.
Table 5: Open-Load Diagnostic Example
Control
Diagnostic
Information
Motor
Connected
Motor
Disconnected
LS1
HS1
LS2
HS2
OLD (output bit[13])
0
0
0
0
0
0
1
0
0
1
0
1
0
1
1
0
0
1
0
1
0
1
0
0
1
0
1
0
1
1
In motor applications, it is often desirable to
actively brake the motor by turning on both HS
drivers or LS drivers in two half-bridge channels.
If two LS drivers are used (an LS brake), an
under-load condition occurs as the motor current
decays normally. It is recommended to use an
HS brake instead to avoid the under-load
condition.
Discharge Circuit
Many typical applications use an inverse-polarity
protection diode. Figure 5 shows the functional
principle of a discharger circuit, with an inverse-
polarity protection diode (D1).
MP6527
VBATT
C1
D1
VPK
Figure 5: Functional Principle of a Discharger
Circuit
However, this method poses certain risks.
During inhibit mode, the IC consumes an
extremely low discharge current (IVS), typically



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com