Electronic Components Datasheet Search
  English  ▼

X  

MP6527 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP6527
Description  40V, 0.8A, 10-Channel, Half-Bridge Motor Driver with Serial Input Control
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6527 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP6527 Datasheet HTML 1Page - Monolithic Power Systems MP6527 Datasheet HTML 2Page - Monolithic Power Systems MP6527 Datasheet HTML 3Page - Monolithic Power Systems MP6527 Datasheet HTML 4Page - Monolithic Power Systems MP6527 Datasheet HTML 5Page - Monolithic Power Systems MP6527 Datasheet HTML 6Page - Monolithic Power Systems MP6527 Datasheet HTML 7Page - Monolithic Power Systems MP6527 Datasheet HTML 8Page - Monolithic Power Systems MP6527 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
MP6527
– 40V, 0.8A MOTOR DRIVER WITH SERIAL INPUT CONTROL
MP6527 Rev. 1.0
MonolithicPower.com
4
9/23/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1, 14,
15, 28
NC
No connection.
2, 13,
16, 27
GND
Ground.
3
OUT1
Half-bridge output 1.
4
OUT5
Half-bridge output 5.
5
OUT7
Half-bridge output 7.
6
DI
Serial data input.
7
VCC
Logic supply voltage.
8
DO
Serial data output.
9
EN
Enable (EN). Pull the EN pin low for standby mode; pull EN high for normal operation.
10
OUT9
Half-bridge output 9.
11
OUT6
Half-bridge output 6.
12
OUT4
Half-bridge output 4.
17
OUT3
Half-bridge output 3.
18
OUT10
Half-bridge output 10.
19
VS2
Power supply for drivers 3, 4, 6, 9 and 10. This pin must be connected to VS1 externally.
20, 21
TEST
Internal test pin. Connect the TEST pin to GND.
22
CS
Chip select input, active low.
23
CLK
Serial clock input.
24
VS1
Power supply for drivers 1, 2, 5, 7, and 8; the internal LDO; and the charge pump. This
pin must be connected to VS2 externally.
25
OUT8
Half-bridge output 8.
26
OUT2
Half-bridge output 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com