Electronic Components Datasheet Search
  English  ▼

X  

MP6527 Datasheet(PDF) 18 Page - Monolithic Power Systems

Part # MP6527
Description  40V, 0.8A, 10-Channel, Half-Bridge Motor Driver with Serial Input Control
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6527 Datasheet(HTML) 18 Page - Monolithic Power Systems

Back Button MP6527 Datasheet HTML 14Page - Monolithic Power Systems MP6527 Datasheet HTML 15Page - Monolithic Power Systems MP6527 Datasheet HTML 16Page - Monolithic Power Systems MP6527 Datasheet HTML 17Page - Monolithic Power Systems MP6527 Datasheet HTML 18Page - Monolithic Power Systems MP6527 Datasheet HTML 19Page - Monolithic Power Systems MP6527 Datasheet HTML 20Page - Monolithic Power Systems MP6527 Datasheet HTML 21Page - Monolithic Power Systems MP6527 Datasheet HTML 22Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
MP6527
– 40V, 0.8A MOTOR DRIVER WITH SERIAL INPUT CONTROL
MP6527 Rev. 1.0
MonolithicPower.com
18
9/23/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
2
HBCNF8
Returns half-
bridge 8’s configuration status.
1: The HS half-bridge is on and the LS half-bridge is off
0: The HS half-bridge is off and the LS half-bridge is on
1
HBCNF7
Returns half-
bridge 7’s configuration status.
1: The HS half-bridge is on and the LS half-bridge is off
0: The HS half-bridge is off and the LS half-bridge is on
0
TW
Thermal warning. This bit is treated as a pre-warning to TSD, and goes high if
the junction temperature reaches TJW. The output remains on until one or more
sensors reach TSD. This bit automatically resets if the junction temperature drops
below the thermal warning recovery point.
1: Fault
0: No fault



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com