Electronic Components Datasheet Search
  English  ▼

X  

MP6527 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP6527
Description  40V, 0.8A, 10-Channel, Half-Bridge Motor Driver with Serial Input Control
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6527 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP6527 Datasheet HTML 7Page - Monolithic Power Systems MP6527 Datasheet HTML 8Page - Monolithic Power Systems MP6527 Datasheet HTML 9Page - Monolithic Power Systems MP6527 Datasheet HTML 10Page - Monolithic Power Systems MP6527 Datasheet HTML 11Page - Monolithic Power Systems MP6527 Datasheet HTML 12Page - Monolithic Power Systems MP6527 Datasheet HTML 13Page - Monolithic Power Systems MP6527 Datasheet HTML 14Page - Monolithic Power Systems MP6527 Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
MP6527
– 40V, 0.8A MOTOR DRIVER WITH SERIAL INPUT CONTROL
MP6527 Rev. 1.0
MonolithicPower.com
11
9/23/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
FUNCTIONAL BLOCK DIAGRAM
Charge
Pump
EN
DO
CLK
DI
LS-FET
Gate
Driver
HS-FET
Gate
Driver
CS
Fault
Handling
Pre-Warning and
Thermal Shutdown
VCC
GL1
GL2
GH1
GH2
GH9
GH10
VS1
GH4
GH5
GH6
OUT3
OUT4
OUT5
GL4
GL5
GL6
GH7
GH8
GH10
OUT6
OUT7
OUT8
GND
GL7
GL8
GL10
Start-Up Reset
Control
Logic
Serial
Interface
GND
Over-Current
Protection
and Under-
Load
Protection
VS2
UVLO and
OVLO
.
.
.
GL9
GL10
.
.
.
GH2
GL2
GH3
GL3
GH1
GL1
GH9
GL9
OUT1
OUT2
OUT9
OUT10
VS1/VS2
Figure 2: Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com