Electronic Components Datasheet Search
  English  ▼

X  

MP6527 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP6527
Description  40V, 0.8A, 10-Channel, Half-Bridge Motor Driver with Serial Input Control
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6527 Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP6527 Datasheet HTML 3Page - Monolithic Power Systems MP6527 Datasheet HTML 4Page - Monolithic Power Systems MP6527 Datasheet HTML 5Page - Monolithic Power Systems MP6527 Datasheet HTML 6Page - Monolithic Power Systems MP6527 Datasheet HTML 7Page - Monolithic Power Systems MP6527 Datasheet HTML 8Page - Monolithic Power Systems MP6527 Datasheet HTML 9Page - Monolithic Power Systems MP6527 Datasheet HTML 10Page - Monolithic Power Systems MP6527 Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
MP6527
– 40V, 0.8A MOTOR DRIVER WITH SERIAL INPUT CONTROL
MP6527 Rev. 1.0
MonolithicPower.com
7
9/23/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
5.5V ≤ VVS ≤ 40V, 3.15V ≤ VVCC ≤ 5.25V, TA = 25°C, unless otherwise noted.
Parameters
Symbol Condition
Min
Typ
Max
Units
Serial Interface: Logic Output (DO)
Output low level
0.4
V
Output high level
VVCC - 0.6
V
Leakage current (tri-state)
0V < VDO < VVCC, VCS = VVCC
-5
+5
μA
Thermal Shutdown and Pre-Warning (6)
Thermal pre-warning
threshold
TJW
120
140
170
°C
Thermal pre-warning
hysteresis
20
°C
Thermal shutdown threshold
TJSD
150
175
200
°C
Thermal shutdown hysteresis
20
°C
Ratio for thermal shutdown
and thermal pre-warning
1.05
1.2
CLK frequency
fCLK
5
MHz
CLK period time
tPCLK
VCC = 5V
200
ns
VCC = 3.3V
500
CLK high time
t5
85
ns
CLK low time
t6
85
ns
CLK set-up time (high to low)
t7
85
ns
CLK set-up time (low to high)
t3
85
ns
DI set-up time
t11
50
ns
DI hold time
t12
50
ns
CS set-up time (low to high)
t8
100
ns
CS set-up time (high to low)
t4
100
ns
CS high time
t9
5
μs
DO enable after CS falling
edge
t1
CDO = 40pF
200
ns
DO disable after CS rising
edge
t2
CDO = 40pF
200
ns
DO fall/rise time
CDO = 40pF
10
25
ns
DO valid time
t10
CDO = 40pF
20
50
ns
EN low valid time
VCC = 5V, EN high to low, 50% to
OUTx turning off 50%
50
μs
EN high to serial peripheral
interface (SPI) valid
100
μs
Time between two
consecutive SRR
commands
100
ms
Note:
6) Not subject to production testing. Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com