Electronic Components Datasheet Search
  English  ▼

X  

AD5422 Datasheet(PDF) 7 Page - Analog Devices

Part # AD5422
Description  Single Channel, 16-Bit, Serial Input, Current Source & Voltage Output DAC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5422 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD5422 Datasheet HTML 3Page - Analog Devices AD5422 Datasheet HTML 4Page - Analog Devices AD5422 Datasheet HTML 5Page - Analog Devices AD5422 Datasheet HTML 6Page - Analog Devices AD5422 Datasheet HTML 7Page - Analog Devices AD5422 Datasheet HTML 8Page - Analog Devices AD5422 Datasheet HTML 9Page - Analog Devices AD5422 Datasheet HTML 10Page - Analog Devices AD5422 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
Preliminary Technical Data
AD5422
Rev. PrE | Page 7 of 37
AC PERFORMANCE CHARACTERISTICS
AVDD = 10.8V to 40V, AVSS = -26.4V to -3V/0V, AVDD + |AVSS| < 52.8V, AGND = DGND = 0 V, REFIN= +5 V external;
DVCC = 2.7 V to 5.5 V, VOUT : RL = 2 kΩ, CL = 200 pF, IOUT : RL = 300Ω, HL = 50mH;
all specifications TMIN to TMAX, ±10 V / 0 to 24 mA range unless otherwise noted.
Table 3.
Parameter1
Unit
Test Conditions/Comments
DYNAMIC PERFORMANCE
VOLTAGE OUTPUT
Output Voltage Settling Time
8
µs typ
Full-scale step (10 V) to ±0.03% FSR
10
µs max
5
µs max
512 LSB step settling
Output Current Settling Time
10
µs max
To 0.1% FSR
Slew Rate
1
V/µs typ
Power-On Glitch Energy
10
nV-sec typ
Digital-to-Analog Glitch Energy
10
nV-sec typ
Glitch Impulse Peak Amplitude
20
mV typ
Digital Feedthrough
1
nV-sec typ
Output Noise (0.1 Hz to 10 Hz Bandwidth)
0.1
LSB p-p typ
Output Noise (100 kHz Bandwidth)
80
µV rms max
1/f Corner Frequency
1
kHz typ
Output Noise Spectral Density
100
nV/√Hz typ
Measured at 10 kHz
AC PSRR
TBD
dB
200mV 50/60Hz Sinewave
superimposed on power supply voltage.
CURRENT OUTPUT
Output Current Settling Time
TBD
µs typ
To 0.1% FSR , L = 1H
TBD
µs typ
To 0.1% FSR , L < 1mH
1 Guaranteed by characterization, not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com