Electronic Components Datasheet Search
  English  ▼

X  

AD5422 Datasheet(PDF) 1 Page - Analog Devices

Part # AD5422
Description  Single Channel, 16-Bit, Serial Input, Current Source & Voltage Output DAC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5422 Datasheet(HTML) 1 Page - Analog Devices

  AD5422 Datasheet HTML 1Page - Analog Devices AD5422 Datasheet HTML 2Page - Analog Devices AD5422 Datasheet HTML 3Page - Analog Devices AD5422 Datasheet HTML 4Page - Analog Devices AD5422 Datasheet HTML 5Page - Analog Devices AD5422 Datasheet HTML 6Page - Analog Devices AD5422 Datasheet HTML 7Page - Analog Devices AD5422 Datasheet HTML 8Page - Analog Devices AD5422 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
Single Channel, 16-Bit, Serial Input,
Current Source & Voltage Output DAC
Preliminary Technical Data
AD5422
Rev. PrE
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007 Analog Devices, Inc. All rights reserved.
FEATURES
16-Bit Resolution and Monotonicity
Current Output Ranges: 4–20mA, 0–20mA or 0–24mA
0.1% typ Total Unadjusted Error (TUE)
5ppm/°C Output Drift
Voltage Output Ranges: 0-5V, 0-10V, ±5V, ±10V,
10% over-range
0.05% Total Unadjusted Error (TUE)
3ppm/°C Output Drift
Flexible Serial Digital Interface
On-Chip Output Fault Detection
On-Chip Reference (10 ppm/°C Max)
Asynchronous CLEAR Function
Power Supply Range
AVDD : 10.8V to 40 V
AVSS : -26.4V to -3V/0V
Output Loop Compliance to AVDD – 2.5 V
Temperature Range: -40°C to +85°C
TSSOP and LFCSP Packages
APPLICATIONS
Process Control
Actuator Control
PLC
GENERAL DESCRIPTION
The AD5422 is a low-cost, precision, fully integrated 16-bit
converter offering a programmable current source and
programmable voltage output designed to meet the
requirements of industrial process control applications.
The output current range is programmable to 4mA to 20 mA,
0mA to 20mA or an overrange function of 0mA to 24mA.
Voltage output is provided from a separate pin that can be
configured to provide 0V to 5V, 0V to 10V,
±5V or ±10V
output ranges, an over-range of 10% is available on all ranges.
Analog outputs are short and open circuit protected and can
drive capacitive loads of 1uF and inductive loads of 1H.
The device is specified to operate with a power supply range
from 10.8 V to 40 V. Output loop compliance is 0 V to AVDD –
2.5 V.
The flexible serial interface is SPI and MICROWIRE
compatible and can be operated in 3-wire mode to minimize the
digital isolation required in isolated applications.
The device also includes a power-on-reset function ensuring
that the device powers up in a known state and an
asynchronous CLEAR pin which sets the outputs to zero-scale /
mid-scale voltage output or the low end of the selected current
range.
The total output error is typically
±0.1% in current mode and
±0.05% in voltage mode.
Table 1. Related Devices
Part Number
Description
AD5412
Single Channel, 12-Bit, Serial
Input Current Source and
Voltage Output DAC
AD5420
Single Channel, 16-Bit, Serial
Input Current Source DAC
AD5410
Single Channel, 12-Bit, Serial
Input Current Source DAC


Similar Part No. - AD5422

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5422 AD-AD5422 Datasheet
276Kb / 29P
Single Channel, 16-Bit, Serial Input, Current Source DAC
Rev. PrD
AD5422 AD-AD5422 Datasheet
334Kb / 38P
Single Channel, 12/16-Bit, Serial Input, Current Source & Voltage Output DAC
Rev. PrF
AD5422 AD-AD5422 Datasheet
1Mb / 40P
Single Channel, 12-/16-Bit, Serial Input, Current Source and Voltage Output DACs
REV. A
AD5422 AD-AD5422 Datasheet
695Kb / 36P
Industrial Current/Voltage Output Driver
REV. D
AD5422 AD-AD5422 Datasheet
502Kb / 20P
Low Power HART Modem
REV. A
More results

Similar Description - AD5422

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5543 AD-AD5543 Datasheet
259Kb / 12P
Current Output/ Serial Input, 16-/14-Bit DAC
2/03-Data Sheet changed from REV. 0 to REV. A.
AD5360 AD-AD5360 Datasheet
284Kb / 25P
16-Channel, 16/14-Bit, Serial Input, Voltage-Output DAC
AD5420 AD-AD5420 Datasheet
276Kb / 29P
Single Channel, 16-Bit, Serial Input, Current Source DAC
Rev. PrD
AD5410 AD-AD5410_08 Datasheet
291Kb / 30P
Single Channel, 16-Bit, Serial Input, Current Source DAC
Rev. PrE
AD5412 AD-AD5412 Datasheet
334Kb / 38P
Single Channel, 12/16-Bit, Serial Input, Current Source & Voltage Output DAC
Rev. PrF
AD5412 AD-AD5412_09 Datasheet
1Mb / 40P
Single Channel, 12-/16-Bit, Serial Input, Current Source and Voltage Output DACs
REV. A
AD5360 AD-AD5360_08 Datasheet
825Kb / 28P
16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5360 AD-AD5360_15 Datasheet
624Kb / 29P
16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5361 AD-AD5361_15 Datasheet
624Kb / 29P
16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5370 AD-AD5370_15 Datasheet
652Kb / 29P
40-Channel,16-Bit, Serial Input, Voltage Output DAC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com