Electronic Components Datasheet Search
  English  ▼

X  

AD5422 Datasheet(PDF) 10 Page - Analog Devices

Part # AD5422
Description  Single Channel, 16-Bit, Serial Input, Current Source & Voltage Output DAC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5422 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD5422 Datasheet HTML 6Page - Analog Devices AD5422 Datasheet HTML 7Page - Analog Devices AD5422 Datasheet HTML 8Page - Analog Devices AD5422 Datasheet HTML 9Page - Analog Devices AD5422 Datasheet HTML 10Page - Analog Devices AD5422 Datasheet HTML 11Page - Analog Devices AD5422 Datasheet HTML 12Page - Analog Devices AD5422 Datasheet HTML 13Page - Analog Devices AD5422 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
AD5422
Preliminary Technical Data
Rev. PrE | Page 10 of 37
ABSOLUTE MAXIMUM RATINGS
TA = 25°C unless otherwise noted.
Transient currents of up to 100 mA do not cause SCR latch-up.
Table 5.
Parameter
Rating
AVDD to AGND, DGND
−0.3V to 48V
AVSS to AGND, DGND
+0.3 V to −48 V
AVDD to AVSS
-0.3V to 60V
DVCC to AGND, DGND
−0.3 V to +7 V
Digital Inputs to AGND, DGND
−0.3 V to DVCC + 0.3 V or 7 V
(whichever is less)
Digital Outputs to AGND, DGND
−0.3 V to DVCC + 0.3 V or 7V
(whichever is less)
REFIN/REFOUT to AGND, DGND
−0.3 V to +7 V
VOUT to AGND, DGND
AVSS to AVDD
IOUT to AGND, DGND
−0.3V to AVDD
AGND to DGND
-0.3V to +0.3V
Operating Temperature Range
Industrial
−40°C to +851°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature (TJ max)
125°C
24-Lead TSSOP Package
θJA Thermal Impedance
42°C/W
40-Lead LFCSP Package
θJA Thermal Impedance
28°C/W
Power Dissipation
(TJ max – TA)/ θJA
Lead Temperature
JEDEC Industry Standard
Soldering
J-STD-020
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION
1 Power dissipated on chip must be de-rated to keep junction temperature
below 125°C. Assumption is max power dissipation condition is sourcing
24mA into Ground from AVDD with a 3mA on-chip current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com