Electronic Components Datasheet Search
  English  ▼

X  

AD5422 Datasheet(PDF) 28 Page - Analog Devices

Part # AD5422
Description  Single Channel, 16-Bit, Serial Input, Current Source & Voltage Output DAC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5422 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD5422 Datasheet HTML 24Page - Analog Devices AD5422 Datasheet HTML 25Page - Analog Devices AD5422 Datasheet HTML 26Page - Analog Devices AD5422 Datasheet HTML 27Page - Analog Devices AD5422 Datasheet HTML 28Page - Analog Devices AD5422 Datasheet HTML 29Page - Analog Devices AD5422 Datasheet HTML 30Page - Analog Devices AD5422 Datasheet HTML 31Page - Analog Devices AD5422 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
AD5422
Preliminary Technical Data
Rev. PrE | Page 28 of 37
DEFAULT CONFIGURATION
On initial power-up of the AD5422 the power-on-reset circuit
ensures that all registers are loaded with zero-code, as such the
default output is the current output with the 4mA to 20mA
range selected, the current output until a value is programmed
is 0mA. The voltage output pin will be in three-state. An
alternative current range or a voltage output range may be
selected via the CONTROL register.
TRANSFER FUNCTION
Voltage Output
For a unipolar voltage output range, the output voltage
expression is given by
⎥⎦
⎤
⎢⎣
⎡
×
=
N
REFIN
OUT
D
Gain
V
V
2
For a bipolar voltage output range, the output voltage
expression is given by
2
2
REFIN
N
REFIN
OUT
V
Gain
D
Gain
V
V
×
−
⎥⎦
⎤
⎢⎣
⎡
×
=
where:
D
is the decimal equivalent of the code loaded to the DAC.
N
is the bit resolution of the DAC.
VREFIN
is the reference voltage applied at the REFIN pin.
Gain
is an internal gain whose value depends on the output
range selected by the user as shown in Table 11.
Table 11.
Output Range
Gain Value
+5 V
1
+10 V
2
±5 V
2
±10 V
4
Current Output
For the 0 to 20mA, 0 to 24mA and 4 to 20mA current output
ranges the output current expressions are respectively given by
D
mA
I
N
OUT
×
⎥⎦
⎤
⎢⎣
⎡
=
2
20
D
mA
I
N
OUT
×
⎥⎦
⎤
⎢⎣
⎡
=
2
24
mA
D
mA
I
N
OUT
4
2
16
+
×
⎥⎦
⎤
⎢⎣
⎡
=
where:
D
is the decimal equivalent of the code loaded to the DAC.
N
is the bit resolution of the DAC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com