Electronic Components Datasheet Search
  English  ▼

X  

AD5422 Datasheet(PDF) 29 Page - Analog Devices

Part # AD5422
Description  Single Channel, 16-Bit, Serial Input, Current Source & Voltage Output DAC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5422 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD5422 Datasheet HTML 25Page - Analog Devices AD5422 Datasheet HTML 26Page - Analog Devices AD5422 Datasheet HTML 27Page - Analog Devices AD5422 Datasheet HTML 28Page - Analog Devices AD5422 Datasheet HTML 29Page - Analog Devices AD5422 Datasheet HTML 30Page - Analog Devices AD5422 Datasheet HTML 31Page - Analog Devices AD5422 Datasheet HTML 32Page - Analog Devices AD5422 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
Preliminary Technical Data
AD5422
Rev. PrE | Page 29 of 37
DATA REGISTER
The DATA register is addressed by setting the control word of the input shift register to 0x01. The data to be written to the DATA register
is entered in positions D15 to D0 as shown in Table 12,
Table 12. Programming the Data Register
MSB
LSB
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
DATA WORD
CONTROL REGISTER
The CONTROL register is addressed by setting the control word of the input shift register to 0x55. The data to be written to the
CONTROL register is entered in positions D15 to D0 as shown in Table 13. The CONTROL register functions are shown in Table 14.
Table 13. Programming the CONTROL Register
MSB
LSB
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
CLRSEL
OVRRNG
REXT
OUTEN
SR CLOCK
SR STEP
SREN
DCEN
R2
R1
R0
Table 14. Control Register Functions
Option
Description
CLRSEL
See Table 20 for a description of the CLRSEL
operation
OVRRNG
Setting this bit increases the voltage output
range by 10%. Further details in Features
section
REXT
Setting this bit selects the external current
setting resistor, Further details in Features
section
OUTEN
Output enable. This bit must be set to enable
the outputs, The range bits select which output
will be functional.
SR CLOCK
See Features Section. Digital Slew Rate Control
SR STEP
See Features Section. Digital Slew Rate Control
SREN
Digital Slew Rate Control enable
DCEN
Daisychain enable
R2,R1,R0
Output range select. See Table 15
Table 15. Output Range Options
R2
R1
R0
Output Range Selected
0
0
0
0 to +5V Voltage Range
0
0
1
0 to 10V Voltage Range
0
1
0
±5V Voltage Range
0
1
1
±10V Voltage Range
1
0
1
4 to 20 mA Current Range
1
1
0
0 to 20 mA Current Range
1
1
1
0 to 24 mA Current Range
RESET REGISTER
The RESET register is addressed by setting the control word of the input shift register to 0x56. The data to be written to the RESET
register is entered in positions D15 to D0 as shown in Table 16. The RESET register options are shown in Table 16 and Table 17.
Table 16. Programming the RESET Register
MSB
LSB
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
RESET
Table 17. RESET register Functions
Option
Description
RESET
Setting this bit performs a reset operation, restoring the AD5422 to its initial power on state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com