Electronic Components Datasheet Search
  English  ▼

X  

AD5422 Datasheet(PDF) 32 Page - Analog Devices

Part # AD5422
Description  Single Channel, 16-Bit, Serial Input, Current Source & Voltage Output DAC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5422 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD5422 Datasheet HTML 28Page - Analog Devices AD5422 Datasheet HTML 29Page - Analog Devices AD5422 Datasheet HTML 30Page - Analog Devices AD5422 Datasheet HTML 31Page - Analog Devices AD5422 Datasheet HTML 32Page - Analog Devices AD5422 Datasheet HTML 33Page - Analog Devices AD5422 Datasheet HTML 34Page - Analog Devices AD5422 Datasheet HTML 35Page - Analog Devices AD5422 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 37 page
background image
AD5422
Preliminary Technical Data
Rev. PrE | Page 32 of 37
BOOST
IOUT
RLOAD
AD5422
MJD31C
OR
PBSS8110Z
1k
0.022 F
Figure 61. External Boost Configuration
DIGITAL SLEW RATE CONTROL
The Slew Rate Control feature of the AD5422 allows the user to
control the rate at which the output value changes. This feature
is available on both the current and voltage outputs. With the
slew rate control feature disabled the output value will change at
a rate limited by the output drive circuitry and the attached
load. If the user wishes to reduce the slew rate this can be
achieved by enabling the slew rate control feature.With the
feature enabled via the SREN bit of the CONTROL register, (See
Table 13) the output, instead of slewing directly between two
values, will step digitally at a rate defined by two parameters
accessible via the CONTROL register as shown in Table 13. The
parameters are SR CLOCK and SR STEP. SR CLOCK defines
the rate at which the digital slew will be updated, e.g. if the
selected update rate is 1MHz the output will update every 1µs,
SR STEP defines by how much the output value will change at
each update. Together both parameters define the rate of change
of the output value.Table 21 and Table 22 outline the range of
values for both the SR CLOCK and SR STEP parameters.
Table 21. Slew Rate Update Clock Options
SR CLOCK
Update Clock Frequency (Hz)
0000
1000000
0001
500000
0010
333333
0011
250000
0100
200000
0101
100000
0110
50000
0111
33333
1000
25000
1001
20000
1010
12500
1011
10000
1100
8333
1101
6666
1110
5000
1111
3921
Table 22. Slew Rate Step Size Options
SR STEP
Step Size (LSBs)
000
1
001
2
010
4
011
8
100
16
101
32
110
64
111
128
The following equation describes the slew rate as a function of
the step size, the update clock frequency and the LSB size.
6
10
1
×
×
×
=
LSBSize
kFrequency
UpdateCloc
StepSize
SlewRate
Where:
Slew Rate
is expressed in A/µs For IOUT or V/µs for VOUT
LSBSize
= Fullscale Range / 65536
When the slew rate control feature is enabled, all output
changes will change at the programmed slew rate, i.e. if the
CLEAR pin is asserted the output will slew to the clear value at
the programmed slew rate. The output can be halted at its
current value with a write to the CONTROL register. To avoid
halting the output slew, the SLEW ACTIVE bit can be used to
check that the slew has completed before writing to the AD5422
registers. See Table 18.
IOUT FILTERING CAPACITORS
Two capacitors may be placed between the pins CAP1, CAP2
and AVDD as shown in Figure 62. The capacitors form a filter on
the current output circuitry reducing the bandwidth and the
rate of change of the output current.
CAP1
CAP2
AD5422
AVDD
IOUT
AGND
AVDD
C1
C2
Figure 62. IOUT Filtering Capacitors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com