Electronic Components Datasheet Search
  English  ▼

X  

AD5422 Datasheet(PDF) 24 Page - Analog Devices

Part # AD5422
Description  Single Channel, 16-Bit, Serial Input, Current Source & Voltage Output DAC
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5422 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD5422 Datasheet HTML 20Page - Analog Devices AD5422 Datasheet HTML 21Page - Analog Devices AD5422 Datasheet HTML 22Page - Analog Devices AD5422 Datasheet HTML 23Page - Analog Devices AD5422 Datasheet HTML 24Page - Analog Devices AD5422 Datasheet HTML 25Page - Analog Devices AD5422 Datasheet HTML 26Page - Analog Devices AD5422 Datasheet HTML 27Page - Analog Devices AD5422 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
AD5422
Preliminary Technical Data
Rev. PrE | Page 24 of 37
THEORY OF OPERATION
The AD5422 is a precision digital to current loop and voltage
output converter designed to meet the requirements of
industrial process control applications. It provides a high
precision, fully integrated, low cost single-chip solution for
generating current loop and unipolar/bipolar voltage outputs.
The current ranges available are; 0 to 20mA, 0 to 24mA and 4 to
20mA, the voltage ranges available are; 0 to 5V, ±5V, 0 to 10V
and ±10V, the current and voltage outputs are available on
separate pins and only one is active at any one time. The desired
output configuration is user selectable via the CONTROL
register.
ARCHITECTURE
The DAC core architecture of the AD5422 consists of two
matched DAC sections. A simplified circuit diagram is shown
in Figure 57. The 4 MSBs of the 16-bit data word are decoded to
drive 15 switches, E1 to E15. Each of these switches connects 1
of 15 matched resistors to either ground or the reference buffer
output. The remaining 12 bits of the data-word drive switches
S0 to S11 of a 12-bit voltage mode R-2R ladder network.
2R
S0
VREF
2R
S1
2R
S11
2R
E1
2R
E2
2R
E15
2R
VOUT
12-BIT R-2R LADDER
FOUR MSBs DECODED INTO
15 EQUAL SEGMENTS
RR
Figure 57. DAC Ladder Structure
The voltage output from the DAC core is either converted to a
current (see diagram, Figure 58) which is then mirrored to the
supply rail so that the application simply sees a current source
output with respect to ground or it is buffered and scaled to
output a software selectable unipolar or bipolar voltage range
(See diagram, Figure 59). The current and voltage are output on
separate pins and cannot be output simultaneously.
16-BIT
DAC
R1
R2
R3
IOUT
AVDD
A1
A2
T1
T2
Figure 58. Voltage to Current conversion circuitry
16-BIT
DAC
VOUT
RANGE
SCALING
REFIN
+VSENSE
-VSENSE
RL
±3V
R1
Figure 59. Voltage Output
Voltage Output Amplifier
The voltage output amplifier is capable of generating both
unipolar and bipolar output voltages. It is capable of driving a
load of 2 kΩ in parallel with 1 µF to AGND. The source and
sink capabilities of the output amplifier can be seen in Figure
TBD. The slew rate is 1 V/µs with a full-scale settling time of 10
µs, (10V step). Figure 59 shows the voltage output drving a load,
RL on top of a common mode voltage of up to ±3V.
In output module applications where a cable could possibly
become disconnected from +VSENSE resulting in the amplifier
loop being broken and most probably resulting in large
destructive voltages on VOUT, a resistor, R1, of value 2kΩ to 5kΩ
should be included as shown to ensure the amplifier loop is kept
closed.
Driving Large Capacitive Loads
The voltage output amplifier is capable of driving capacitive
loads of up to 1uF with the addition of a non-polarised 4nF
compensation capacitor between the CCOMP1 and CCOMP2 pins.
Without the compensation capacitor, up to 20nF capacitive
loads can be driven.
Reference Buffers
The AD5422 can operate with either an external or internal
reference. The reference input has an input range of 4 V to 5 V,
5 V for specified performance. This input voltage is then buffered
before it is applied to the DAC.
SERIAL INTERFACE
The AD5422 is controlled over a versatile 3-wire serial interface
that operates at clock rates up to 30 MHz. It is compatible with
SPI®, QSPI™, MICROWIRE™, and DSP standards.
Input Shift Register
The input shift register is 24 bits wide. Data is loaded into the
device MSB first as a 24-bit word under the control of a serial
clock input, SCLK. Data is clocked in on the rising edge of
SCLK. The input register consists of 8 control bits and 16 data
bits as shown in Table 7. The 24 bit word is unconditionally
latched on the rising edge of LATCH. Data will continue to be
clocked in irrespective of the state of LATCH, on the rising edge
of LATCH the data that is present in the input register will be
latched, in other words the last 24 bits to be clocked in before



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com