Electronic Components Datasheet Search
  English  ▼

X  

LS1021ASE7MQB Datasheet(PDF) 63 Page - NXP Semiconductors

Part # LS1021ASE7MQB
Description  QorIQ LS1021A Data Sheet
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LS1021ASE7MQB Datasheet(HTML) 63 Page - NXP Semiconductors

Back Button LS1021ASE7MQB Datasheet HTML 59Page - NXP Semiconductors LS1021ASE7MQB Datasheet HTML 60Page - NXP Semiconductors LS1021ASE7MQB Datasheet HTML 61Page - NXP Semiconductors LS1021ASE7MQB Datasheet HTML 62Page - NXP Semiconductors LS1021ASE7MQB Datasheet HTML 63Page - NXP Semiconductors LS1021ASE7MQB Datasheet HTML 64Page - NXP Semiconductors LS1021ASE7MQB Datasheet HTML 65Page - NXP Semiconductors LS1021ASE7MQB Datasheet HTML 66Page - NXP Semiconductors LS1021ASE7MQB Datasheet HTML 67Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 205 page
background image
Table 9. Low power mode savings, 1.0 V, 65C1, 2, 3
2. Typical power assumes Dhrystone running with activity factor of 80%
3. Typical power based on nominal process distribution for this device.
4. PW15 power savings with 1 core. Maximum savings would be N times, where N is the number of used cores.
5. LPM20 has all platform clocks disabled.
3.4.2 LPM35 Deep sleep power dissipation, 1.0 V, 35C1
Power (W)
Total core and platform power (W)
VDD
VDDC
S1VDD
-
0.15
-
0.15
Notes:
1. VDD and S1VDD are switched off during deep sleep mode.
3.5 I/O DC power supply recommendation
The following table provides the estimated I/O power numbers for each block. The
numbers listed below are based on design estimates only.
Table 10. Estimated I/O power supply values values
Interface
I/O Power supply
Parameter
Typical
(W)
Max (W)8
Notes
System control and power
management, clocking,
debug, DDRCLK supply,
GPIO, and JTAG I/O voltage
LVCMOS
OVDD/O1VDD
1.8V
0.015
0.021
1,3,4,6
QSPI
LVCMOS
BVDD 1.8V
0.038
0.038
1,3,4,6
LVCMOS
BVDD 3.3V
0.101
0.101
1,3,4,6
SPI
LVCMOS
BVDD 1.8V
0.012
0.015
1,3,4,6
LVCMOS
BVDD 3.3V
0.026
0.032
1,3,4,6
IFC
LVCMOS
BVDD 1.8V
0.094
0.097
1,3,4,6
LVCMOS
BVDD 3.3V
0.245
0.250
1,3,4,6
Ethernet interface
LVCMOS
LVDD/L1VDD
1.8V
0.103
0.104
1,3,4,6
LVCMOS
LVDD/L1VDD
2.5V
0.169
0.171
1,3,4,6
LVCMOS
LVDD/L1VDD
0.275
0.278
1,3,4,6
Table continues on the next page...
Electrical characteristics
QorIQ LS1021A Data Sheet, Rev. 5, 09/2017
NXP Semiconductors
63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com