Electronic Components Datasheet Search
  English  ▼

X  

LS1021ASE7MQB Datasheet(PDF) 90 Page - NXP Semiconductors

Part # LS1021ASE7MQB
Description  QorIQ LS1021A Data Sheet
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LS1021ASE7MQB Datasheet(HTML) 90 Page - NXP Semiconductors

Back Button LS1021ASE7MQB Datasheet HTML 86Page - NXP Semiconductors LS1021ASE7MQB Datasheet HTML 87Page - NXP Semiconductors LS1021ASE7MQB Datasheet HTML 88Page - NXP Semiconductors LS1021ASE7MQB Datasheet HTML 89Page - NXP Semiconductors LS1021ASE7MQB Datasheet HTML 90Page - NXP Semiconductors LS1021ASE7MQB Datasheet HTML 91Page - NXP Semiconductors LS1021ASE7MQB Datasheet HTML 92Page - NXP Semiconductors LS1021ASE7MQB Datasheet HTML 93Page - NXP Semiconductors LS1021ASE7MQB Datasheet HTML 94Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 205 page
background image
Table 39. RGMII DC electrical characteristics (LVDD, L1VDD = 2.5 V)4
Parameters
Symbol
Min
Max
Unit
Notes
3. The symbol LVDD, in this case, represents the LVDD and L1VDD symbol referenced in Table 3.
4. For recommended operating conditions, see Table 3.
This table provides the DC electrical characteristics for the RGMII interface at LVDD,
L1VDD = 1.8 V.
Table 40. RGMII DC electrical characteristics (LVDD, L1VDD = 1.8 V)4
Parameter
Symbol
Min
Max
Unit
Notes
Input high voltage
VIH
0.7 x L1VDD —
V
1
Input low voltage
VIL
—
0.2 x
L1VDD
V
1
Input current (LVIN = 0 V or L1VIN= LVDD)
IIN
—
±50
µA
2, 3
Output high voltage (LVDD = min, IOH = -0.5 mA)
VOH
1.35
—
V
3
Output low voltage (LVDD = min, IOL = 0.5 mA)
VOL
—
0.4
V
3
Notes:
1. The min VILand max VIH values are based on the min and max LVIN values found in Table 3.
2. The symbol LVIN, in this case, represents the LVIN and L1VIN symbol referenced in Table 3.
3. The symbol LVDD, in this case, represents the LVDD and L1VDD symbol referenced in Table 3.
4. For recommended operating conditions, see Table 3.
3.11.2.2 RGMII AC timing specifications
This table provides the RGMII AC timing specifications.
Table 41. RGMII AC timing specifications (LVDD, L1VDD = 2.5 /1.8 V)8
Parameter/Condition
Symbol1
Min
Typ
Max
Unit
Notes
Data to clock output skew (at transmitter)
tSKRGT_TX
-770
0
700
ps
7
Data to clock input skew (at receiver)
tSKRGT_RX
1.4
—
2.6
ns
2
Clock period duration
tRGT
7.2
8.0
8.8
ns
3
Duty cycle for 10BASE-T and 100BASE-TX
tRGTH/tRGT
40
50
60
%
3, 4
Duty cycle for Gigabit
tRGTH/tRGT
45
50
55
%
—
Rise time (20%-80%)
L1/LVDD = 2.5V
L1/LVDD = 1.8V
tRGTR
—
—
—
0.75
0.54
ns
5, 6
Fall time (20%-80%)
L1/LVDD = 2.5V
L1/LVDD = 1.8V
tRGTF
—
—
—
0.75
0.54
ns
5, 6
Table continues on the next page...
Electrical characteristics
QorIQ LS1021A Data Sheet, Rev. 5, 09/2017
90
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com