Electronic Components Datasheet Search
  English  ▼

X  

LS1021ASE7MQB Datasheet(PDF) 70 Page - NXP Semiconductors

Part # LS1021ASE7MQB
Description  QorIQ LS1021A Data Sheet
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LS1021ASE7MQB Datasheet(HTML) 70 Page - NXP Semiconductors

Back Button LS1021ASE7MQB Datasheet HTML 66Page - NXP Semiconductors LS1021ASE7MQB Datasheet HTML 67Page - NXP Semiconductors LS1021ASE7MQB Datasheet HTML 68Page - NXP Semiconductors LS1021ASE7MQB Datasheet HTML 69Page - NXP Semiconductors LS1021ASE7MQB Datasheet HTML 70Page - NXP Semiconductors LS1021ASE7MQB Datasheet HTML 71Page - NXP Semiconductors LS1021ASE7MQB Datasheet HTML 72Page - NXP Semiconductors LS1021ASE7MQB Datasheet HTML 73Page - NXP Semiconductors LS1021ASE7MQB Datasheet HTML 74Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 205 page
background image
Table 17. ECn_GTX_CLK125 DC electrical characteristics (L1VDD/LVDD = 1.8 V)1
(continued)
Parameter
Symbol
Min
Typical
Max
Unit
Notes
Input low voltage
VIL
—
—
0.2 x
L1VDD
V
2
Input capacitance
CIN
—
—
6
pF
—
Input current (VIN = 0 V or VIN = L1VDD)/LVDD)
IIN
—
—
± 50
µA
3
Notes:
1. For recommended operating conditions, see Table 3.
2. The min VIL and max VIH values are based on the respective min and max VIN values found in Table 3.
3. The symbol VIN, in this case, represents the L1VIN/LVIN symbol referenced in Table 3.
This table provides the Ethernet gigabit reference clock DC electrical characteristics with
L1VDD/LVDD = 2.5 V.
Table 18. ECn_GTX_CLK125 DC electrical characteristics (L1VDD/LVDD = 2.5 V)1
Parameter
Symbol
Min
Typical
Max
Unit
Notes
Input high voltage
VIH
0.7 x
L1VDD
—
—
V
2
Input low voltage
VIL
—
—
0.2 x
L1VDD
V
2
Input capacitance
CIN
—
—
6
pF
—
Input current (VIN = 0 V or VIN = L1VDD)/LVDD)
IIN
—
—
± 50
µA
3
Notes:
1. For recommended operating conditions, see Table 3.
2. The min VIL and max VIH values are based on the respective min and max VIN values found in Table 3.
3. The symbol VIN, in this case, represents the L1VIN/LVIN symbol referenced in Table 3.
This table provides the Ethernet gigabit reference clock AC timing specifications.
Table 19. ECn_GTX_CLK125 AC timing specifications 1, 4
Parameter/Condition
Symbol
Min
Typical
Max
Unit
Notes
ECn_GTX_CLK125 frequency
tG125
125-100ppm
125
125+100ppm
MHz
—
ECn_GTX_CLK125 cycle time
tG125
—
8
—
ns
—
ECn_GTX_CLK125 rise and fall time
L1/LVDD = 1.8 V
L1/LVDD = 2.5 V
tG125R/tG125F
—
—
0.54
0.75
ns
2
ECn_GTX_CLK125 duty cycle
1000Base-T for RGMII
tG125H/tG125
40
—
60
%
3
ECn_GTX_CLK125 jitter
—
—
—
± 150
ps
3
Table continues on the next page...
Electrical characteristics
QorIQ LS1021A Data Sheet, Rev. 5, 09/2017
70
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com