Electronic Components Datasheet Search
  English  ▼

X  

LS1021ASE7MQB Datasheet(PDF) 71 Page - NXP Semiconductors

Part # LS1021ASE7MQB
Description  QorIQ LS1021A Data Sheet
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LS1021ASE7MQB Datasheet(HTML) 71 Page - NXP Semiconductors

Back Button LS1021ASE7MQB Datasheet HTML 67Page - NXP Semiconductors LS1021ASE7MQB Datasheet HTML 68Page - NXP Semiconductors LS1021ASE7MQB Datasheet HTML 69Page - NXP Semiconductors LS1021ASE7MQB Datasheet HTML 70Page - NXP Semiconductors LS1021ASE7MQB Datasheet HTML 71Page - NXP Semiconductors LS1021ASE7MQB Datasheet HTML 72Page - NXP Semiconductors LS1021ASE7MQB Datasheet HTML 73Page - NXP Semiconductors LS1021ASE7MQB Datasheet HTML 74Page - NXP Semiconductors LS1021ASE7MQB Datasheet HTML 75Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 205 page
background image
Table 19. ECn_GTX_CLK125 AC timing specifications 1, 4 (continued)
Parameter/Condition
Symbol
Min
Typical
Max
Unit
Notes
Notes:
1. At recommended operating conditions with L1/LVDD = 1.8 V ± 90mV / 2.5 V ± 125 mV. See Table 3.
2. Rise and fall times for ECn_GTX_CLK125 are measured from 0.5 and 2.0 V for L1/LVDD = 2.5 V.
3. ECn_GTX_CLK125 is used to generate the GTX clock for the Ethernet transmitter with 2% degradation. The
ECn_GTX_CLK125 duty cycle can be loosened from 47% to 53%, as long as the PHY device can tolerate the duty cycle
generated by the GTX_CLK. See RGMII AC timing specifications for duty cycle for the 10Base-T and 100Base-T reference
clocks.
4. The frequency of ECn_RX_CLK (input) should not exceed the frequency of EC_GTX_CLK125/ECn_TX_CLK (input) by
more than 300 ppm.
3.7.5 DDR clock (DDRCLK)
This section provides the DDRCLK DC electrical characteristics and AC timing
specifications.
3.7.5.1 DDRCLK DC electrical characteristics
This table provides the DDRCLK DC electrical characteristics.
Table 20. DDRCLK DC electrical characteristics3
Parameter
Symbol
Min
Typical
Max
Unit
Notes
Input high voltage
VIH
0.7 x OVDD
—
—
V
1
Input low voltage
VIL
—
—
0.2 x OVDD
V
1
Input capacitance
CIN
—
7
12
pF
—
Input current (OVIN= 0 V or OVIN =
OVDD)
IIN
—
—
± 100
μA
2
Notes:
1. The min VILand max VIH values are based on the respective min and max OVIN values found in Table 3.
2. The symbol OVIN, in this case, represents the OVIN symbol referenced in Table 3.
3. At recommended operating conditions with OVDD = 1.8 V. See Table 3.
3.7.5.2 DDRCLK AC timing specifications
This table provides the DDRCLK AC timing specifications.
Electrical characteristics
QorIQ LS1021A Data Sheet, Rev. 5, 09/2017
NXP Semiconductors
71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com