Electronic Components Datasheet Search
  English  ▼

X  

LS1021ASE7MQB Datasheet(PDF) 64 Page - NXP Semiconductors

Part # LS1021ASE7MQB
Description  QorIQ LS1021A Data Sheet
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LS1021ASE7MQB Datasheet(HTML) 64 Page - NXP Semiconductors

Back Button LS1021ASE7MQB Datasheet HTML 60Page - NXP Semiconductors LS1021ASE7MQB Datasheet HTML 61Page - NXP Semiconductors LS1021ASE7MQB Datasheet HTML 62Page - NXP Semiconductors LS1021ASE7MQB Datasheet HTML 63Page - NXP Semiconductors LS1021ASE7MQB Datasheet HTML 64Page - NXP Semiconductors LS1021ASE7MQB Datasheet HTML 65Page - NXP Semiconductors LS1021ASE7MQB Datasheet HTML 66Page - NXP Semiconductors LS1021ASE7MQB Datasheet HTML 67Page - NXP Semiconductors LS1021ASE7MQB Datasheet HTML 68Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 205 page
background image
Table 10. Estimated I/O power supply values values (continued)
Interface
I/O Power supply
Parameter
Typical
(W)
Max (W)8
Notes
3.3V
1588
LVCMOS
LVDD 1.8V
0.012
0.014
1,3,4,6
LVCMOS
LVDD 2.5V
0.019
0.022
1,3,4,6
LVCMOS
LVDD 3.3V
0.030
0.034
1,3,4,6
GPIO
LVCMOS
LVDD/L1VDD/
DVDD/EVDD
1.8V
0.009
0.013
1,3,4,6
LVCMOS
LVDD/L1VDD
2.5V
0.013
0.018
1,3,4,6
LVCMOS
LVDD/L1VDD/
DVDD/EVDD
3.3V
0.019
0.026
1,3,4,6
FlexCAN
LVCMOS
LVDD/L1VDD
1.8V
0.003
0.004
1,3,4,6
LVCMOS
LVDD/L1VDD
2.5V
0.004
0.006
1,3,4,6
LVCMOS
LVDD/L1VDD
3.3V
0.006
0.009
1,3,4,6
USB2
LVCMOS
LVDD 1.8V
0.015
0.018
1,3,4,6
LVCMOS
LVDD 2.5V
0.022
0.026
1,3,4,6
LVCMOS
LVDD 3.3V
0.033
0.040
1,3,4,6
FlexTimer
LVCMOS
LVDD/L1VDD/
DVDD
1.8V
0.019
0.026
1,3,4,6
LVCMOS
LVDD/L1VDD/
DVDD
2.5V
0.026
0.036
1,3,4,6
LVCMOS
LVDD/L1VDD/
DVDD
3.3V
0.038
0.052
1,3,4,6
Ethernet Management
Interface
LVCMOS
LVDD 1.8V
0.002
0.003
1,3,4,6
LVCMOS
LVDD 2.5V
0.003
0.004
1,3,4,6
LVCMOS
LVDD 3.3V
0.005
0.006
1,3,4,6
SAI(I2S)
LVCMOS
L1VDD/DVDD
1.8V
0.016
0.019
1,3,4,6
LVCMOS
L1VDD
2.5V
0.024
0.029
1,3,4,6
LVCMOS
L1VDD/DVDD
0.037
0.044
1,3,4,6
Table continues on the next page...
Electrical characteristics
QorIQ LS1021A Data Sheet, Rev. 5, 09/2017
64
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com