Electronic Components Datasheet Search
  English  ▼

X  

LS1021ASE7MQB Datasheet(PDF) 76 Page - NXP Semiconductors

Part # LS1021ASE7MQB
Description  QorIQ LS1021A Data Sheet
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LS1021ASE7MQB Datasheet(HTML) 76 Page - NXP Semiconductors

Back Button LS1021ASE7MQB Datasheet HTML 72Page - NXP Semiconductors LS1021ASE7MQB Datasheet HTML 73Page - NXP Semiconductors LS1021ASE7MQB Datasheet HTML 74Page - NXP Semiconductors LS1021ASE7MQB Datasheet HTML 75Page - NXP Semiconductors LS1021ASE7MQB Datasheet HTML 76Page - NXP Semiconductors LS1021ASE7MQB Datasheet HTML 77Page - NXP Semiconductors LS1021ASE7MQB Datasheet HTML 78Page - NXP Semiconductors LS1021ASE7MQB Datasheet HTML 79Page - NXP Semiconductors LS1021ASE7MQB Datasheet HTML 80Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 205 page
background image
This table provides the recommended operating conditions for the DDR SDRAM
controller when interfacing to DDR4 SDRAM.
Table 27. DDR4 SDRAM interface DC electrical characteristics (G1VDD = 1.2 V)1, 5
Parameter
Symbol
Min
Max
Unit
Note
Input high voltage
VIH
0.7 x GVDD + 0.175 —
V
2, 7
Input low voltage
VIL
—
0.7 x GVDD - 0.175 V
2, 7
I/O leakage current
IOZ
-165
165
μA
3
Notes:
1. G1VDD is expected to be within 60 mV of the DRAM's voltage supply at all times. The DRAM's and memory controller's
voltage supply may or may not be from the same source.
2. Input capacitance load for MDQ, MDQS, and MDQS_B are available in the IBIS models.
3. Output leakage is measured with all outputs disabled (0 V ≤ VOUT ≤ G1VDD).
4. Refer to the IBIS model for the complete output IV curve characteristics.
5. For recommended operating conditions, see Table 3.
6. VTT and VREFCA are applied directly to the DRAM device. Both VTT and VREFCA voltages must track G1VDD/2.
7. Internal Vref for data bus must be set to 0.7 x G1VDD.
This table provides the current draw characteristics for Dn_MVREF.
Table 28. Current draw characteristics for Dn_MVREF1
Parameter
Symbol
Min
Max
Unit
Notes
Current draw for DDR3L SDRAM for
Dn_MVREF
IDn_MVREF
—
500
μA
—
Note:
1. For recommended operating conditions, see Table 3.
3.9.2 DDR3L and DDR4 SDRAM interface AC timing specifications
This section provides the AC timing specifications for the DDR SDRAM controller
interface. The DDR controller supports DDR3L and DDR4 memories. Note that the
required G1VDD(typ) voltage is 1.35 V or 1.2 V when interfacing to DDR3L or DDR4
SDRAM respectively.
3.9.2.1 DDR3L and DDR4 SDRAM interface input AC timing specifications
This table provides the input AC timing specifications for the DDR controller when
interfacing to DDR4 SDRAM.
Electrical characteristics
QorIQ LS1021A Data Sheet, Rev. 5, 09/2017
76
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com