Electronic Components Datasheet Search
  English  ▼

X  

LS1021ASE7MQB Datasheet(PDF) 86 Page - NXP Semiconductors

Part # LS1021ASE7MQB
Description  QorIQ LS1021A Data Sheet
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LS1021ASE7MQB Datasheet(HTML) 86 Page - NXP Semiconductors

Back Button LS1021ASE7MQB Datasheet HTML 82Page - NXP Semiconductors LS1021ASE7MQB Datasheet HTML 83Page - NXP Semiconductors LS1021ASE7MQB Datasheet HTML 84Page - NXP Semiconductors LS1021ASE7MQB Datasheet HTML 85Page - NXP Semiconductors LS1021ASE7MQB Datasheet HTML 86Page - NXP Semiconductors LS1021ASE7MQB Datasheet HTML 87Page - NXP Semiconductors LS1021ASE7MQB Datasheet HTML 88Page - NXP Semiconductors LS1021ASE7MQB Datasheet HTML 89Page - NXP Semiconductors LS1021ASE7MQB Datasheet HTML 90Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 205 page
background image
100 Ω
50 Ω
50 Ω
Transmitter
SGMII
SerDes Interface
SDn_TXn_P
SDn_TXn_N
VOD
Figure 15. SGMII transmitter DC measurement circuit
3.11.1.2.2 SGMII receiver DC electrical characteristics
This table provides the SGMII receiver DC electrical characteristics. Source-synchronous
clocking is not supported. Clock is recovered from the data.
Table 36. SGMII receiver DC electrical characteristics (S1VDD = 1.0V)4
Parameter
Symbol
Min
Typ
Max
Unit
Notes
DC input voltage range
—
N/A
—
1
Input differential voltage
—
VRX_DIFFp-p
100
—
1200
mV
2
—
175
—
Loss of signal threshold
—
VLOS
30
—
100
mV
3
—
65
—
175
Receiver differential input impedance
ZRX_DIFF
80
—
120
Ω
—
Notes:
1. Input must be externally AC coupled.
2. VRX_DIFFp-p is also referred to as peak-to-peak input differential voltage.
3. The concept of this parameter is equivalent to the electrical idle detect threshold parameter in PCI Express. For further
explanation, see PCI Express DC physical layer receiver specifications, and PCI Express AC physical layer receiver
specifications.
4. For recommended operating conditions, see Table 3.
Electrical characteristics
QorIQ LS1021A Data Sheet, Rev. 5, 09/2017
86
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com