Electronic Components Datasheet Search
  English  ▼

X  

LS1021ASE7MQB Datasheet(PDF) 97 Page - NXP Semiconductors

Part # LS1021ASE7MQB
Description  QorIQ LS1021A Data Sheet
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LS1021ASE7MQB Datasheet(HTML) 97 Page - NXP Semiconductors

Back Button LS1021ASE7MQB Datasheet HTML 93Page - NXP Semiconductors LS1021ASE7MQB Datasheet HTML 94Page - NXP Semiconductors LS1021ASE7MQB Datasheet HTML 95Page - NXP Semiconductors LS1021ASE7MQB Datasheet HTML 96Page - NXP Semiconductors LS1021ASE7MQB Datasheet HTML 97Page - NXP Semiconductors LS1021ASE7MQB Datasheet HTML 98Page - NXP Semiconductors LS1021ASE7MQB Datasheet HTML 99Page - NXP Semiconductors LS1021ASE7MQB Datasheet HTML 100Page - NXP Semiconductors LS1021ASE7MQB Datasheet HTML 101Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 205 page
background image
Table 47. EMI1 DC electrical characteristics (L1VDD = 3.3 V) 2 (continued)
Parameter
Symbol
Min
Max
Unit
Notes
Output high voltage (L1VDD = min, IOH = -2 mA)
VOH
2.4
—
V
—
Output low voltage (L1VDD = min, IOL = 2 mA)
VOL
—
0.4
V
—
Notes:
1. The min VILand max VIH values are based on the respective min and max L1VIN values found in Table 3.
2. For recommended operating conditions, see Table 3.
This table provides the EMI1 DC electrical characteristics when L1VDD = 2.5 V.
Table 48. EMI1 DC electrical characteristics (L1VDD = 2.5 V)2
Parameters
Symbol
Min
Max
Unit
Notes
Input high voltage
VIH
0.7 x L1VDD —
V
1
Input low voltage
VIL
—
0.2 x L1VDD
V
1
Input current (L1VIN = 0 or L1VIN = L1VDD)
IIN
—
±50
µA
—
Output high voltage (L1VDD = min, IOH = -1.0 mA) VOH
2.00
—
V
—
Output low voltage (L1VDD = min, IOL = 1.0 mA)
VOL
—
0.40
V
—
Notes:
1. The min VILand max VIH values are based on the respective min and max L1VIN values found in Table 3.
2. For recommended operating conditions, see Table 3.
This table provides the EMI1 DC electrical characteristics when L1VDD = 1.8 V.
Table 49. EMI1 DC electrical characteristics (L1VDD = 1.8 V)2
Parameter
Symbol
Min
Max
Unit
Notes
Input high voltage
VIH
0.7 x L1VDD —
V
1
Input low voltage
VIL
—
0.2 x
L1VDD
V
1
Input current (L1VIN = 0 V or L1VIN = L1VDD)
IIN
—
±50
µA
—
Output high voltage (L1VDD = min, IOH = -0.5 mA)
VOH
1.35
—
V
—
Output low voltage (L1VDD = min, IOL = 0.5 mA)
VOL
—
0.4
V
—
Notes:
1. The min VILand max VIH values are based on the min and max L1VIN respective values found in Table 3.
2. For recommended operating conditions, see Table 3.
3.11.5.2 EMI1 AC timing specifications
This table provides the EMI1 AC timing specifications.
Electrical characteristics
QorIQ LS1021A Data Sheet, Rev. 5, 09/2017
NXP Semiconductors
97



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com