Electronic Components Datasheet Search
  English  ▼

X  

LS1021ASE7MQB Datasheet(PDF) 65 Page - NXP Semiconductors

Part # LS1021ASE7MQB
Description  QorIQ LS1021A Data Sheet
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LS1021ASE7MQB Datasheet(HTML) 65 Page - NXP Semiconductors

Back Button LS1021ASE7MQB Datasheet HTML 61Page - NXP Semiconductors LS1021ASE7MQB Datasheet HTML 62Page - NXP Semiconductors LS1021ASE7MQB Datasheet HTML 63Page - NXP Semiconductors LS1021ASE7MQB Datasheet HTML 64Page - NXP Semiconductors LS1021ASE7MQB Datasheet HTML 65Page - NXP Semiconductors LS1021ASE7MQB Datasheet HTML 66Page - NXP Semiconductors LS1021ASE7MQB Datasheet HTML 67Page - NXP Semiconductors LS1021ASE7MQB Datasheet HTML 68Page - NXP Semiconductors LS1021ASE7MQB Datasheet HTML 69Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 205 page
background image
Table 10. Estimated I/O power supply values values (continued)
Interface
I/O Power supply
Parameter
Typical
(W)
Max (W)8
Notes
3.3V
DUART
LVCMOS
DVDD 1.8V
0.004
0.005
1,3,4,6
LVCMOS
DVDD 3.3V
0.008
0.010
1,3,4,6
I2C
LVCMOS
DVDD/BVDD
1.8V
0.003
0.004
1,3,4,6
LVCMOS
DVDD/BVDD
3.3V
0.006
0.009
1,3,4,6
QE
LVCMOS
DVDD 1.8V
0.014
0.018
1,3,4,6
LVCMOS
DVDD 3.3V
0.033
0.040
1,3,4,6
2D-ACE
LVCMOS
DVDD 1.8V
0.052
0.055
1,3,4,6
LVCMOS
DVDD 3.3V
0.145
0.152
1,3,4,6
LPUART
LVCMOS
DVDD 1.8V
0.009
0.012
1,3,4,6
LVCMOS
DVDD 3.3V
0.019
0.024
1,3,4,6
SPDIF
LVCMOS
DVDD 1.8V
0.006
0.007
1,3,4,6
LVCMOS
DVDD 3.3V
0.015
0.017
1,3,4,6
eSDHC
LVCMOS
EVDD/DVDD
1.8V
0.026
0.027
1,3,4,6
LVCMOS
EVDD/DVDD
3.3V
0.071
0.075
1,3,4,6
DDR3L
DDR I/O
GVDD 1.35V
1000 MT/s
0.350
0.684
1,2,5,6
DDR I/O
GVDD 1.35V
1300 MT/s
0.393
.772
1,2,5,6
DDR I/O
GVDD 1.35V
1600 MT/s
0.448
.883
1,2,5,6
DDR4
DDR I/O
GVDD 1.2V
1300 MT/s
0.311
0.619
1,2,5,6
DDR I/O
GVDD 1.2V
1600 MT/s
0.354
0.698
1,2,5,6
USB PHY
USB_PHY
USB1_SXVDD
1.0V
0.019
0.026
1,6
USB_PHY
USB1_SPVDD
1.0V
0.032
0.044
1,6
USB_PHY
USB_SDVDD
1.0V
0.006
0.011
1,6
USB_PHY
USB_HVDD 3.3V
0.125
0.146
1,6
PLL
PLL core and
system
AVDD_CGA1
AVDD_PLAT 1.8V
0.02
0.02
3,6
PLL DDR
AVDD_D1 1.8V
0.02
0.02
3,6
PLL LYNX
AVDD_D1_PLL
1.35V
0.03
0.04
3,6
SGMII
SerDes
1.35V
X1VDD
(x1)1.25G-
baud
0.05
0.05
1,6,7
SATA
SerDes
1.35V
X1VDD
(x1)3.0G-baud
0.076
0.083
1,6,7
Table continues on the next page...
Electrical characteristics
QorIQ LS1021A Data Sheet, Rev. 5, 09/2017
NXP Semiconductors
65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com