Electronic Components Datasheet Search
  English  ▼

X  

LS1021ASE7MQB Datasheet(PDF) 85 Page - NXP Semiconductors

Part # LS1021ASE7MQB
Description  QorIQ LS1021A Data Sheet
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LS1021ASE7MQB Datasheet(HTML) 85 Page - NXP Semiconductors

Back Button LS1021ASE7MQB Datasheet HTML 81Page - NXP Semiconductors LS1021ASE7MQB Datasheet HTML 82Page - NXP Semiconductors LS1021ASE7MQB Datasheet HTML 83Page - NXP Semiconductors LS1021ASE7MQB Datasheet HTML 84Page - NXP Semiconductors LS1021ASE7MQB Datasheet HTML 85Page - NXP Semiconductors LS1021ASE7MQB Datasheet HTML 86Page - NXP Semiconductors LS1021ASE7MQB Datasheet HTML 87Page - NXP Semiconductors LS1021ASE7MQB Datasheet HTML 88Page - NXP Semiconductors LS1021ASE7MQB Datasheet HTML 89Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 205 page
background image
100 Ω
50 Ω
50 Ω
Transmitter
SGMII
SerDes Interface
SDn_TXn_P
SDn_TXn_N
SDn_RXn_N
SDn_RXn_P
CTX
CTX
Receiver
100 Ω
50 Ω
50 Ω
Transmitter
SDn_TXn_P
SDn_TXn_N
SDn_RXn_N
SDn_RXn_P
CTX
CTX
Receiver
Figure 14. 4-wire AC-coupled SGMII serial link connection example
This figure shows the SGMII transmitter DC measurement circuit.
Electrical characteristics
QorIQ LS1021A Data Sheet, Rev. 5, 09/2017
NXP Semiconductors
85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com