Electronic Components Datasheet Search
  English  ▼

X  

GPIB Datasheet(PDF) 2 Page - TEKTRONIX, INC.

Part # GPIB
Description  4 Series MSO Mixed Signal Oscilloscope Datasheet
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

GPIB Datasheet(HTML) 2 Page - TEKTRONIX, INC.

  GPIB Datasheet HTML 1Page - TEKTRONIX, INC. GPIB Datasheet HTML 2Page - TEKTRONIX, INC. GPIB Datasheet HTML 3Page - TEKTRONIX, INC. GPIB Datasheet HTML 4Page - TEKTRONIX, INC. GPIB Datasheet HTML 5Page - TEKTRONIX, INC. GPIB Datasheet HTML 6Page - TEKTRONIX, INC. GPIB Datasheet HTML 7Page - TEKTRONIX, INC. GPIB Datasheet HTML 8Page - TEKTRONIX, INC. GPIB Datasheet HTML 9Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
Strength in numbers
Input channels
4 or 6 FlexChannel
® inputs
Each FlexChannel provides:
One analog signal that can be displayed as a waveform view, a
spectrum view 1, or both simultaneously
Eight digital logic inputs with TLP058 logic probe
Bandwidth (all analog channels)
200 MHz, 350 MHz, 500 MHz, 1 GHz, 1.5 GHz (upgradable)
Sample rate (all analog / digital channels)
Real-time: 6.25 GS/s
Record length (all analog / digital channels)
31.25 Mpoints standard (62.5 Mpoints optional upgrade)
Waveform capture rate
>500,000 waveforms/s
Vertical resolution
12-bit ADC
Up to 16-bits in High Res mode
Standard trigger types
Edge, Pulse Width, Runt, Timeout, Window, Logic, Setup & Hold, Rise/
Fall Time, Parallel Bus, Sequence, Visual Trigger, Video (optional), RF
vs. Time (optional)
Auxiliary Trigger ≤300 VRMS (Edge Trigger only)
Standard analysis
Cursors: Waveform, V Bars, H Bars, V&H Bars
Measurements: 36
FastFrameTM: Segmented memory acquisition mode with maximum
trigger rate >5,000,000 waveforms per second
Plots: Time Trend, Histogram, Spectrum and Phase Noise
Math: Basic waveform arithmetic, FFT, and advanced equation editor
Search: Search on any trigger criteria
Optional analysis
Advanced Spectrum View
Mask/Limit Testing
Power Measurements and Analysis
Optional serial bus trigger, decode and analysis
I2C, SPI, I3C, RS-232/422/485/UART, SPMI, CAN, CAN FD, LIN,
FlexRay, SENT, PSI5, USB 2.0, eUSB2, Ethernet, Audio, MIL-
STD-1553, ARINC 429, Spacewire, NRZ, SVID, MDIO
Arbitrary/Function Generator 1
50 MHz waveform generation
Waveform Types: Arbitrary, Sine, Square, Pulse, Ramp, Triangle, DC
Level, Gaussian, Lorentz, Exponential Rise/Fall, Sin(x)/x, Random
Noise, Haversine, Cardiac
Digital voltmeter 2
4-digit AC RMS, DC, and DC+AC RMS voltage measurements
Trigger frequency counter 2
8-digit
Display
13.3-inch (338 mm) TFT color
High Definition (1,920 x 1,080) resolution
Capacitive (multi-touch) touchscreen
Connectivity
USB 2.0 Host, USB 2.0 Device (5 ports); LAN (10/100/1000 Base-T
Ethernet); HDMI 3
e*Scope
®
Remotely view and control the oscilloscope over a network connection
through a standard web browser
Warranty
3 years standard
Dimensions
9.8 in (249 mm) H x 17.7 in (4
05 mm) W x 6.1 in (155 mm) D
Weight: <16.8 lbs. (7.6 kg)
With a remarkably innovative pinch-swipe-zoom touchscreen user
interface, a high-definition display, and 4 or 6 FlexChannel
® inputs that let
you measure one analog or eight digital signals per channel, the 4 Series
MSO is ready for today’s toughest challenges, and tomorrow’s too. It sets a
new standard for performance, analysis, and overall user experience.
1
Optional and upgradable.
2
Free with product registration.
3
Requires connection to high definition display (1,920 x 1,080 resolution).
Datasheet
2 www.tek.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com