Electronic Components Datasheet Search
  English  ▼

X  

GPIB Datasheet(PDF) 17 Page - TEKTRONIX, INC.

Part # GPIB
Description  4 Series MSO Mixed Signal Oscilloscope Datasheet
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

GPIB Datasheet(HTML) 17 Page - TEKTRONIX, INC.

Back Button GPIB Datasheet HTML 13Page - TEKTRONIX, INC. GPIB Datasheet HTML 14Page - TEKTRONIX, INC. GPIB Datasheet HTML 15Page - TEKTRONIX, INC. GPIB Datasheet HTML 16Page - TEKTRONIX, INC. GPIB Datasheet HTML 17Page - TEKTRONIX, INC. GPIB Datasheet HTML 18Page - TEKTRONIX, INC. GPIB Datasheet HTML 19Page - TEKTRONIX, INC. GPIB Datasheet HTML 20Page - TEKTRONIX, INC. GPIB Datasheet HTML 21Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
Spectrum View (optional)
Intuitive spectrum analyzer controls like center frequency, span and resolution bandwidth (RBW), independent from time domain controls, provide easy setup for frequency domain
analysis. A spectrum view is available for each FlexChannel analog input, enabling multi-channel mixed domain analysis.
It is often easier to debug an issue by viewing one or more signals in the
frequency domain. Oscilloscopes have included math-based FFTs for
decades in an attempt to address this need. However, FFTs are notoriously
difficult to use for two primary reasons.
First, when performing frequency-domain analysis, you think about controls
like Center Frequency, Span, and Resolution Bandwidth (RBW), as you
would typically find on a spectrum analyzer. But then you use an FFT,
where you are stuck with traditional scope controls like sample rate, record
length and time/div and have to perform all the mental translations to try to
get the view you’re looking for in the frequency-domain.
Second, FFTs are driven by the same acquisition system that’s delivering
the analog time-domain view. When you optimize acquisition settings for
the analog view, your frequency-domain view isn’t what you want. When
you get the frequency-domain view you want, your analog view is not what
you want. With math-based FFTs, it is virtually impossible to get optimized
views in both domains.
Spectrum View changes all of this. Tektronix’ patented technology provides
both a decimator for the time-domain and a digital downconverter for the
frequency-domain behind each FlexChannel. The two different acquisition
paths let you simultaneously observe both time- and frequency-domain
views of the input signal with independent acquisition settings for each
domain. Other manufacturers offer various ‘spectral analysis’ packages that
claim ease-of-use, but they all exhibit the limitations described above. Only
Spectrum View provides both exceptional ease-of-use and the ability to
achieve optimal views in both domains simultaneously.
4 Series MSO
www.tek.com 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com