Electronic Components Datasheet Search
  English  ▼

X  

GPIB Datasheet(PDF) 37 Page - TEKTRONIX, INC.

Part # GPIB
Description  4 Series MSO Mixed Signal Oscilloscope Datasheet
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

GPIB Datasheet(HTML) 37 Page - TEKTRONIX, INC.

Back Button GPIB Datasheet HTML 33Page - TEKTRONIX, INC. GPIB Datasheet HTML 34Page - TEKTRONIX, INC. GPIB Datasheet HTML 35Page - TEKTRONIX, INC. GPIB Datasheet HTML 36Page - TEKTRONIX, INC. GPIB Datasheet HTML 37Page - TEKTRONIX, INC. GPIB Datasheet HTML 38Page - TEKTRONIX, INC. GPIB Datasheet HTML 39Page - TEKTRONIX, INC. GPIB Datasheet HTML 40Page - TEKTRONIX, INC. GPIB Datasheet HTML 41Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 44 page
background image
Ordering information
Use the following steps to select the appropriate instrument and options for your measurement needs.
Step 1
Start by selecting a model based
on the number of FlexChannel
inputs you need. Each
FlexChannel input supports
1 analog or 8 digital input signals,
interchangeably.
Model
Number of FlexChannels
MSO44
4
MSO46
6
Each model includes
Four passive analog probes (with both four- and six-channel models):
200 MHz bandwidth models: Four TPP0250 250 MHz probes
350 MHz, 500 MHz, 1 GHz or 1.5 GHz bandwidth models: Four TPP0500B 500 MHz probes
Installation and safety manual (translated in English, Japanese, Simplified Chinese)
Embedded Help
Power cord
Calibration certificate documenting traceability to National Metrology Institute(s) and ISO9001/ISO17025 quality system
registration
Three-year warranty covering all parts and labor on the instrument.
One-year warranty covering all parts and labor on included probes
Step 2
Configure your oscilloscope by
selecting the analog channel
bandwidth you need
Choose the bandwidth you need today by choosing one of these bandwidth options. You can upgrade it later by purchasing an
upgrade option.
Bandwidth Option
Bandwidth
4-BW-200
200 MHz
4-BW-350
350 MHz
4-BW-500
500 MHz
4-BW-1000
1 GHz
4-BW-1500
1.5 GHz
4 Series MSO
www.tek.com 37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com