Electronic Components Datasheet Search
  English  ▼

X  

GPIB Datasheet(PDF) 3 Page - TEKTRONIX, INC.

Part # GPIB
Description  4 Series MSO Mixed Signal Oscilloscope Datasheet
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

GPIB Datasheet(HTML) 3 Page - TEKTRONIX, INC.

  GPIB Datasheet HTML 1Page - TEKTRONIX, INC. GPIB Datasheet HTML 2Page - TEKTRONIX, INC. GPIB Datasheet HTML 3Page - TEKTRONIX, INC. GPIB Datasheet HTML 4Page - TEKTRONIX, INC. GPIB Datasheet HTML 5Page - TEKTRONIX, INC. GPIB Datasheet HTML 6Page - TEKTRONIX, INC. GPIB Datasheet HTML 7Page - TEKTRONIX, INC. GPIB Datasheet HTML 8Page - TEKTRONIX, INC. GPIB Datasheet HTML 9Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
Never let a lack of channels slow down your
verification and debug process again!
The 4 Series MSO offers better visibility into complex systems by offering
four and six channel models with a 13.3-inch high-definition (1,920 x 1,080)
display. Many applications, such as embedded systems, three-phase
power electronics, automotive electronics, power supply design, and DC-to-
DC power converters, require the observation of more than four analog
signals to verify and characterize device performance, and to debug
challenging system issues.
Most engineers can recall situations in which they were debugging a
particularly difficult problem and wanted greater system visibility and
context, but the scope they were using was limited to two or four analog
channels. Using a second scope involves significant effort to align trigger
points, difficulty in determining timing relationships across the two displays,
and documentation challenges.
And while you might assume that a six channel scope would cost 50%
more than a four-channel scope, you'll be pleasantly surprised to find that
six channel models are only ~20% more than four channel models. The
additional analog channels can pay for themselves quickly by enabling you
to keep current and future projects on schedule.
Voltage measurements on a switch-mode power supply showing the ripple voltage on
one of the power rails.
FlexChannel
® technology enables maximum flexibility
and broader system visibility
The 4 Series MSO redefines what a Mixed Signal Oscilloscope (MSO)
should be. FlexChannel technology enables each channel input to be used
as a single analog channel, eight digital logic inputs (with the TLP058 logic
probe), or simultaneous analog and spectrum views 4 with independent
acquisition controls for each domain. Imagine the flexibility and
configurability this provides.
With a six FlexChannel model, you can configure the instrument to look at
six analog and zero digital signals. Or five analog and eight digital. Or four
analog and 16 digital, three analog and 24 digital and so on. You can
change the configuration at any time by simply adding or removing TLP058
logic probes, so you always have the right number of digital channels.
FlexChannel technology enables the ultimate in flexibility. Each input can be configured
as a single analog or eight digital channels based on the type of probe you attach.
Previous-generation MSOs required tradeoffs, with digital channels having
lower sample rates or shorter record lengths than analog channels. The
4 Series MSO offers a new level of integration of digital channels. Digital
channels share the same high sample rate (up to 6.25 GS/s), and long
record length (up to 62.5 Mpoints) as analog channels.
The TLP058 provides eight high performance digital inputs. Connect as many TLP058
probes as you like, enabling up to a maximum of 48 digital channels.
4
Optional.
4 Series MSO
www.tek.com 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com