Electronic Components Datasheet Search
  English  ▼

X  

GPIB Datasheet(PDF) 10 Page - TEKTRONIX, INC.

Part # GPIB
Description  4 Series MSO Mixed Signal Oscilloscope Datasheet
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

GPIB Datasheet(HTML) 10 Page - TEKTRONIX, INC.

Back Button GPIB Datasheet HTML 6Page - TEKTRONIX, INC. GPIB Datasheet HTML 7Page - TEKTRONIX, INC. GPIB Datasheet HTML 8Page - TEKTRONIX, INC. GPIB Datasheet HTML 9Page - TEKTRONIX, INC. GPIB Datasheet HTML 10Page - TEKTRONIX, INC. GPIB Datasheet HTML 11Page - TEKTRONIX, INC. GPIB Datasheet HTML 12Page - TEKTRONIX, INC. GPIB Datasheet HTML 13Page - TEKTRONIX, INC. GPIB Datasheet HTML 14Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
A new High Res mode applies a hardware-based unique Finite Impulse
Response (FIR) filter based on the selected sample rate. The FIR filter
maintains the maximum bandwidth possible for that sample rate while
preventing aliasing and removing noise from the oscilloscope amplifiers
and ADC above the usable bandwidth for the selected sample rate. High
Res mode always provides at least 12 bits of vertical resolution and
extends all the way to 16 bits of vertical resolution at ≤125 MS/s sample
rates.
New lower-noise front end amplifiers further improve the 4 Series MSO's
ability to resolve fine signal detail.
The 4 Series MSO's 12-bit ADC, along with the new High Res mode, enable industry
leading vertical resolution.
Triggering
Discovering a device fault is only the first step. Next, you must capture the
event of interest to identify root cause. The 4 Series MSO provides a
complete set of advanced triggers, including:
Runt
Logic
Pulse width
Window
Timeout
Rise/Fall time
Setup and Hold violation
Serial packet
Parallel data
Sequence
Video
Visual Trigger
RF vs. Time (optional)
With up to a 62.5 Mpoint record length, you can capture many events of
interest, even thousands of serial packets in a single acquisition, providing
high-resolution to zoom in on fine signal details and record reliable
measurements.
The wide variety of trigger types and context-sensitive help in the trigger menu make it
easier than ever to isolate the event of interest.
Visual Trigger - finding the signal of interest quickly – Finding the right
cycle of a complex bus can require hours of collecting and sorting through
thousands of acquisitions for an event of interest. Defining a trigger that
isolates the desired event speeds up debug and analysis efforts.
Visual Trigger extends the instrument's triggering capabilities by scanning
through all waveform acquisitions and comparing them to on-screen areas
(geometric shapes). You can create an unlimited number of areas using the
mouse or touchscreen, and a variety of shapes (triangles, rectangles,
hexagons, or trapezoids) can be used to specify the desired trigger
behavior. Once shapes are created, they can be edited interactively to
create custom shapes and ideal trigger conditions. Once multiple areas are
defined, a Boolean logic equation can be used to set complex trigger
conditions using on-screen editing features.
Visual Trigger areas isolate an event of interest, saving time by only capturing the events
you want to see.
Datasheet
10 www.tek.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com