Electronic Components Datasheet Search
  English  ▼

X  

GPIB Datasheet(PDF) 11 Page - TEKTRONIX, INC.

Part # GPIB
Description  4 Series MSO Mixed Signal Oscilloscope Datasheet
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

GPIB Datasheet(HTML) 11 Page - TEKTRONIX, INC.

Back Button GPIB Datasheet HTML 7Page - TEKTRONIX, INC. GPIB Datasheet HTML 8Page - TEKTRONIX, INC. GPIB Datasheet HTML 9Page - TEKTRONIX, INC. GPIB Datasheet HTML 10Page - TEKTRONIX, INC. GPIB Datasheet HTML 11Page - TEKTRONIX, INC. GPIB Datasheet HTML 12Page - TEKTRONIX, INC. GPIB Datasheet HTML 13Page - TEKTRONIX, INC. GPIB Datasheet HTML 14Page - TEKTRONIX, INC. GPIB Datasheet HTML 15Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
By triggering only on the most important signal events, Visual Trigger can
save hours of capturing and manually searching through acquisitions. In
seconds or minutes, you can find the critical events and complete your
debug and analysis efforts. Visual Trigger even works across multiple
channels, extending its usefulness to complex system troubleshooting and
debug tasks.
Multiple channel triggering. Visual Trigger areas can be associated with events spanning
multiple channels, such as triggering on a specific burst-width on channel 1 and a
specified bit pattern on channel 2.
Accurate high-speed probing
The TPP Series passive voltage probes offer all the benefits of general-
purpose probes -- high dynamic range, flexible connection options, and
robust mechanical design -- while providing the performance of active
probes. Up to 1 GHz analog bandwidth enables you to see high frequency
components in your signals, and extremely low 3.9 pF capacitive loading
minimizes adverse effects on your circuits and is more forgiving of longer
ground leads.
An optional, low-attenuation (2X) version of the TPP probe is available for
measuring low voltages. Unlike other low-attenuation passive probes, the
TPP0502 has high bandwidth (500 MHz) as well as low capacitive loading
(12.7 pF).
4 Series MSOs come standard with four probes for four or six channel models (TPP0250
for 200 MHz models; TPP0500B for 350 MHz, 500 MHz, 1 GHz, and 1.5 GHz models).
TekVPI Probe Interface
The TekVPI
® probe interface sets the standard for ease of use in probing.
In addition to the secure, reliable connection that the interface provides,
many TekVPI probes feature status indicators and controls, as well as a
probe menu button right on the comp box itself. This button brings up a
probe menu on the oscilloscope display with all relevant settings and
controls for the probe. The TekVPI interface enables direct attachment of
current probes without requiring a separate power supply. TekVPI probes
can be controlled remotely through USB or LAN, enabling more versatile
solutions in ATE environments. The 4 Series MSO provides up to 80 W of
power to the front panel connectors, sufficient to power all connected
TekVPI probes without the need for an additional probe power supply.
IsoVu™ Isolated Measurement System
Whether designing an inverter, optimizing a power supply, testing
communication links, measuring across a current shunt resistor, debugging
EMI or ESD issues, or trying to eliminate ground loops in your test setup,
common mode interference has caused engineers to design, debug,
evaluate, and optimize "blind" until now.
Tektronix' revolutionary IsoVu technology uses optical communications and
power-over-fiber for complete galvanic isolation. When combined with the 4
Series MSO equipped with the TekVPI interface, it is the first, and only,
measurement system capable of accurately resolving high bandwidth,
differential signals, in the presence of large common mode voltage with:
Complete galvanic isolation
Up to 1 GHz bandwidth
1 Million to 1 (120 dB) common mode rejection at 100 MHz
10,000 to 1 (80 dB) of common mode rejection at full bandwidth
Up to 2,500 V differential dynamic range
60 kV common mode voltage range
The Tektronix TIVM Series IsoVu™ Measurement System offers a galvanically isolated
measurement solution to accurately resolve high bandwidth, differential signals up to
2,500 Vpk in the presence of large common mode voltages, with the best in class
common mode rejection performance across its bandwidth.
4 Series MSO
www.tek.com 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com