Electronic Components Datasheet Search
  English  ▼

X  

GPIB Datasheet(PDF) 26 Page - TEKTRONIX, INC.

Part # GPIB
Description  4 Series MSO Mixed Signal Oscilloscope Datasheet
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

GPIB Datasheet(HTML) 26 Page - TEKTRONIX, INC.

Back Button GPIB Datasheet HTML 22Page - TEKTRONIX, INC. GPIB Datasheet HTML 23Page - TEKTRONIX, INC. GPIB Datasheet HTML 24Page - TEKTRONIX, INC. GPIB Datasheet HTML 25Page - TEKTRONIX, INC. GPIB Datasheet HTML 26Page - TEKTRONIX, INC. GPIB Datasheet HTML 27Page - TEKTRONIX, INC. GPIB Datasheet HTML 28Page - TEKTRONIX, INC. GPIB Datasheet HTML 29Page - TEKTRONIX, INC. GPIB Datasheet HTML 30Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 44 page
background image
Timebase accuracy
±2.5 x 10-6 over any ≥1 ms time interval
Description
Specification
Factory Tolerance
±5.0 x10-7
At calibration, 25 °C ambient, over any ≥1 ms interval
Temperature stability, typical
±5.0 x10-7
Tested at operating temperatures
Crystal aging
±1.5 x 10-6 .
Frequency tolerance change at 25 °C over a period of 1 year
Delta-time measurement accuracy,
nominal
DTApp(typical) = 10 ×
( N
SR1 )
2
+
( N
SR2 )
2
+
(0.450 ps + (1 × 10-11 × t
p))
2 + TBA × t
p
DTARMS =
( N
SR1 )
2
+
( N
SR2 )
2
+
(0.450 ps + (1 × 10-11 × t
p))
2 + TBA × t
p
(assume edge shape that results from Gaussian filter response)
The formula to calculate delta-time measurement accuracy (DTA) for a given instrument setting and input signal assumes
insignificant signal content above Nyquist frequency, where:
SR 1 = Slew Rate (1st Edge) around 1st point in measurement
SR 2 = Slew Rate (2nd Edge) around 2nd point in measurement
N = input-referred guaranteed noise limit (VRMS)
TBA = timebase accuracy or Reference Frequency Error
t p = delta-time measurement duration (sec)
Aperture uncertainty
≤ 0.450 ps + (10-11 * Measurement Duration)RMS, for measurements having duration ≤ 100 ms
Delay between analog channels,
full bandwidth, typical
≤ 100 ps for any two channels with input impedance set to 50 Ω, DC coupling with equal Volts/div or above 10 mV/div
Delay between analog and digital
FlexChannels, typical
3 ns when using a TLP058 and a passive probe matching the bandwidth of the scope, with no bandwidth limits applied
Delay between any two digital
FlexChannels, typical
3 ns from bit 0 of a FlexChannel to bit 0 of any other FlexChannel
Delay between any two bits of a
digital FlexChannel, typical
160 ps
Trigger system
Trigger modes
Auto, Normal, and Single
Trigger coupling
DC, HF Reject (attenuates > 50 kHz), LF Reject (attenuates < 50 kHz), noise reject (reduces sensitivity)
Trigger holdoff range
0 ns to 20 seconds
Trigger jitter, typical
≤ 7 psRMS for sample mode and edge-type trigger
Datasheet
Horizontal system
26 www.tek.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com