Electronic Components Datasheet Search
  English  ▼

X  

GPIB Datasheet(PDF) 36 Page - TEKTRONIX, INC.

Part # GPIB
Description  4 Series MSO Mixed Signal Oscilloscope Datasheet
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

GPIB Datasheet(HTML) 36 Page - TEKTRONIX, INC.

Back Button GPIB Datasheet HTML 32Page - TEKTRONIX, INC. GPIB Datasheet HTML 33Page - TEKTRONIX, INC. GPIB Datasheet HTML 34Page - TEKTRONIX, INC. GPIB Datasheet HTML 35Page - TEKTRONIX, INC. GPIB Datasheet HTML 36Page - TEKTRONIX, INC. GPIB Datasheet HTML 37Page - TEKTRONIX, INC. GPIB Datasheet HTML 38Page - TEKTRONIX, INC. GPIB Datasheet HTML 39Page - TEKTRONIX, INC. GPIB Datasheet HTML 40Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 44 page
background image
Altitude
Operating
Up to 3,000 meters (9,843 feet)
Non-operating
Up to 12,000 meters (39,370 feet)
Regulatory
CE marked for the European Union and CSA approved for the USA and Canada
RoHS compliant
Software
Software
IVI driver
Provides a standard instrument programming interface for common applications such as LabVIEW, LabWindows/CVI,
Microsoft .NET, and MATLAB. Compatible with Python, C/C++/C# and many other languages through VISA.
e*Scope®
Enables control of the oscilloscope over a network connection through a standard web browser. Simply enter the IP address or
network name of the oscilloscope and a web page will be served to the browser. Transfer and save settings, waveforms,
measurements, and screen images or make live control changes to settings on the oscilloscope directly from the web browser.
LXI Web interface
Connect to the oscilloscope through a standard Web browser by simply entering the oscilloscope's IP address or network name in
the address bar of the browser. The Web interface enables viewing of instrument status and configuration, status and modification
of network settings, and instrument control through the e*Scope web-based remote control.
Programming Examples
Programming with the 4/5/6 Series platforms has never been easier. With a programmers manual and a GitHub site you have
many commands and examples to help you get started remotely automating your instrument. See https://github.com/tektronix/
Programmatic-Control-Examples.
Datasheet
Environmental specifications
36 www.tek.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com