Electronic Components Datasheet Search
  English  ▼

X  

GPIB Datasheet(PDF) 40 Page - TEKTRONIX, INC.

Part # GPIB
Description  4 Series MSO Mixed Signal Oscilloscope Datasheet
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

GPIB Datasheet(HTML) 40 Page - TEKTRONIX, INC.

Back Button GPIB Datasheet HTML 36Page - TEKTRONIX, INC. GPIB Datasheet HTML 37Page - TEKTRONIX, INC. GPIB Datasheet HTML 38Page - TEKTRONIX, INC. GPIB Datasheet HTML 39Page - TEKTRONIX, INC. GPIB Datasheet HTML 40Page - TEKTRONIX, INC. GPIB Datasheet HTML 41Page - TEKTRONIX, INC. GPIB Datasheet HTML 42Page - TEKTRONIX, INC. GPIB Datasheet HTML 43Page - TEKTRONIX, INC. GPIB Datasheet HTML 44Page - TEKTRONIX, INC.  
Zoom Inzoom in Zoom Outzoom out
 40 / 44 page
background image
Step 7
Add analog probes and adapters
Add additional recommended probes and adapters
Recommended Probe /
Adapter
Description
TAP1500
1.5 GHz TekVPI® active single-ended voltage probe, ±8 V input voltage
TAP2500
2.5 GHz TekVPI® active single-ended voltage probe, ±4 V input voltage
TCP0030A
30 A AC/DC TekVPI® current probe, 120 MHz BW
TCP0020
20 A AC/DC TekVPI® current probe, 50 MHz BW
TCP0030A
30 A AC/DC TekVPI current probe, 120 MHz BW
TCP0150
150 A AC/DC TekVPI® current probe, 20 MHz BW
TRCP0300
30 MHz AC current probe, 250 mA to 300 A
TRCP0600
30 MHz AC current probe, 500 mA to 600 A
TRCP3000
16 MHz AC current probe, 500 mA to 3000 A
TDP0500
500 MHz TekVPI® differential voltage probe, ±42 V differential input voltage
TDP1000
1 GHz TekVPI® differential voltage probe, ±42 V differential input voltage
TDP1500
1.5 GHz TekVPI® differential voltage probe, ±8.5 V differential input voltage
TDP7704
4 GHz TriMode™ voltage probe
THDP0100
±6 kV, 100 MHz TekVPI® high-voltage differential probe
THDP0200
±1.5 kV, 200 MHz TekVPI® high-voltage differential probe
TMDP0200
±750 V, 200 MHz TekVPI® high-voltage differential probe
TPR1000
1 GHz, Single-Ended TekVPI® Power-Rail Probe; includes one TPR4KIT accessory kit
TIVH02
Isolated Probe; 200 MHz, ±2500 V, TekVPI, 3 Meter Cable
TIVH02L
Isolated Probe; 200 MHz, ±2500 V, TekVPI, 10 Meter Cable
TIVH05
Isolated Probe; 500 MHz, ±2500 V, TekVPI, 3 Meter Cable
TIVH05L
Isolated Probe; 500 MHz, ±2500 V, TekVPI, 10 Meter Cable
TIVH08
Isolated Probe; 800 MHz, ±2500 V, TekVPI, 3 Meter Cable
TIVH08L
Isolated Probe; 800 MHz, ±2500 V, TekVPI, 10 Meter Cable
TIVM1
Isolated Probe; 1 GHz, ±50 V, TekVPI, 3 Meter Cable
TIVM1L
Isolated Probe; 1 GHz, ±50 V, TekVPI, 10 Meter Cable
TPP0502
500 MHz, 2X TekVPI® passive voltage probe, 12.7 pF input capacitance
TPP0850
2.5 kV, 800 MHz, 50X TekVPI® passive high-voltage probe
TPP1000
1 GHz, 10X TekVPI® passive voltage probe, 1.3 Meter cable, 3.9 pF input capacitance
P6015A
20 kV, 75 MHz high-voltage passive probe
TPA-BNC 7
TekVPI® to TekProbe™ BNC adapter
TEK-DPG
TekVPI deskew pulse generator signal source
067-1686-xx
Power measurement deskew and calibration fixture
Looking for other probes? Check out the probe selector tool at www.tek.com/probes.
7
Recommended for connecting your existing TekProbe probes to the .
Datasheet
40 www.tek.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com