Electronic Components Datasheet Search
  English  ▼

X  

GPIB Datasheet(PDF) 5 Page - TEKTRONIX, INC.

Part # GPIB
Description  4 Series MSO Mixed Signal Oscilloscope Datasheet
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

GPIB Datasheet(HTML) 5 Page - TEKTRONIX, INC.

  GPIB Datasheet HTML 1Page - TEKTRONIX, INC. GPIB Datasheet HTML 2Page - TEKTRONIX, INC. GPIB Datasheet HTML 3Page - TEKTRONIX, INC. GPIB Datasheet HTML 4Page - TEKTRONIX, INC. GPIB Datasheet HTML 5Page - TEKTRONIX, INC. GPIB Datasheet HTML 6Page - TEKTRONIX, INC. GPIB Datasheet HTML 7Page - TEKTRONIX, INC. GPIB Datasheet HTML 8Page - TEKTRONIX, INC. GPIB Datasheet HTML 9Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
Unprecedented signal viewing capability
The stunning 13.3-inch (338 mm) display in the 4 Series MSO is the largest
display in its class. It is also the highest resolution display, with full HD
resolution (1,920 x 1,080), enabling you to see many signals at once with
ample room for critical readouts and analysis.
The viewing area is optimized to ensure that the maximum vertical space is
available for waveforms. The Results Bar on the right can be hidden,
enabling the waveform view to use the full width of the display.
Stacked display mode enables easy visibility of all waveforms while maintaining maximum ADC resolution on each input for the most accurate measurements.
The 4 Series MSO offers a revolutionary new Stacked display mode.
Historically, scopes have overlaid all waveforms in the same graticule,
forcing difficult tradeoffs:
To make each waveform visible, you vertically scale and position each
waveform so that they don't overlap. Each waveform uses a small
percentage of the available ADC range, leading to less accurate
measurements.
For measurement accuracy, you vertically scale and position each
waveform to cover the entire display. The waveforms overlap each
other, making it hard to distinguish signal details on individual
waveforms
The new Stacked display eliminates this tradeoff. It automatically adds and
removes additional horizontal waveform 'slices' (additional graticules) as
waveforms are created and removed. Each slice represents the full ADC
range for the waveform. All waveforms are visually separated from each
other while still using the full ADC range, enabling maximum visibility and
accuracy. And it's all done automatically as waveforms are added or
removed! Channels can easily be reordered in stacked display mode by
dragging and dropping the channel and waveform badges in the Settings
bar at the bottom of the display. Groups of channels can also be overlaid
within a slice to simplify visual comparison of signals.
The large display in the 4 Series MSO also provides plenty of viewing area
not only for signals, but also for plots, measurement results tables, bus
decode tables and more. You can easily resize and relocate the various
views to suit your application.
4 Series MSO
www.tek.com 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com