Electronic Components Datasheet Search
  English  ▼

X  

SN888CD Datasheet(PDF) 16 Page - Texas Instruments

Part # SN888CD
Description  Bus-Polarity Correcting RS-485 Transceiver for E-Meters
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN888CD Datasheet(HTML) 16 Page - Texas Instruments

Back Button SN888CD Datasheet HTML 12Page - Texas Instruments SN888CD Datasheet HTML 13Page - Texas Instruments SN888CD Datasheet HTML 14Page - Texas Instruments SN888CD Datasheet HTML 15Page - Texas Instruments SN888CD Datasheet HTML 16Page - Texas Instruments SN888CD Datasheet HTML 17Page - Texas Instruments SN888CD Datasheet HTML 18Page - Texas Instruments SN888CD Datasheet HTML 19Page - Texas Instruments SN888CD Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
SN888C
SLLSEI4 – SEPTEMBER 2013
www.ti.com
Design and Layout Considerations for Transient Protection
Because ESD and EFT transients have a wide frequency bandwidth from approximately 3 MHz to 3 GHz, high-
frequency layout techniques must be applied during PCB design.
In order for PCB design to be successful, begin with the design of the protection circuit in mind.
1. Place the protection circuitry close to the bus connector to prevent noise transients from penetrating your
board.
2. Use Vcc and ground planes to provide low-inductance. Note that high-frequency currents follow the path of
least inductance, not the path of least impedance.
3. Design the protection components into the direction of the signal path. Do not force the transients currents to
divert from the signal path to reach the protection device.
4. Apply 100-NF to 220-nF bypass capacitors as close as possible to the VCC-pins of transceiver, UART,
controller ICs on the board.
5. Use at least two vias for VCC and ground connections of bypass capacitors and protection devices to
minimize effective via-inductance.
6. Use 1-k to 10-k pull-up or pull-down resistors for enable lines to limit noise currents in these lines during
transient events.
7. Insert pulse-proof resistors into the A and B bus lines, if the TVS clamping voltage is higher than the
specified maximum voltage of the transceiver bus terminals. These resistors limit the residual clamping
current into the transceiver and prevent it from latching up.
–
While pure TVS protection is sufficient for surge transients up to 1 kV, higher transients require metal-
oxide varistors (MOVs), which reduce the transients to a few-hundred volts of clamping voltage, and
transient blocking units (TBUs) that limit transient current to 200 mA.
16
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: SN888C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com